Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS4221DBVT Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4221DBVT
Description  LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4221DBVT Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button THS4221DBVT Datasheet HTML 6Page - National Semiconductor (TI) THS4221DBVT Datasheet HTML 7Page - National Semiconductor (TI) THS4221DBVT Datasheet HTML 8Page - National Semiconductor (TI) THS4221DBVT Datasheet HTML 9Page - National Semiconductor (TI) THS4221DBVT Datasheet HTML 10Page - National Semiconductor (TI) THS4221DBVT Datasheet HTML 11Page - National Semiconductor (TI) THS4221DBVT Datasheet HTML 12Page - National Semiconductor (TI) THS4221DBVT Datasheet HTML 13Page - National Semiconductor (TI) THS4221DBVT Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
THS4221, THS4225
THS4222, THS4226
SLOS399G − AUGUST 2002 − REVISED JANUARY 2004
www.ti.com
10
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
FIGURE
Small signal frequency response
1
Slew rate vs Output voltage step
2, 3
Harmonic distortion vs Frequency
4, 5, 8, 9
Harmonic distortion vs Output voltage swing
6, 7
Voltage and current noise vs Frequency
10
Differential gain vs Number of loads
11, 13
Differential phase vs Number of loads
12, 14
Quiescent current vs Supply voltage
15
Output voltage vs Load resistance
16
Open-loop gain and phase vs Frequency
17
Open-loop gain vs Supply voltage
18
Rejection ratio vs Frequency
19
Rejection ratio vs Case temperature
20
Common-mode rejection ratio vs Input common-mode range
21, 22
Input offset voltage vs Case temperature
23
Input bias and offset current vs Case temperature
24, 25
Power-down quiescent current vs Supply voltage
26
Output impedance in power down vs Frequency
27
Crosstalk vs Frequency
28
−2
0
2
4
6
8
10
12
14
16
18
20
22
0.1
1
10
100
1 k
f − Frequency − MHz
SMALL SIGNAL FREQUENCY RESPONSE
Gain = 10, Rf = 2 kΩ
Gain = 5, Rf = 2 kΩ
Gain = 2, Rf = 1.3 kΩ
RL = 499 Ω
POUT = −7 dBm
VS = ±5 V
Gain = 1, Rf = 0
Figure 1
0
200
400
600
800
1000
1200
0123
4
5
VO − Output Voltage Step − V
SLEW RATE
vs
OUTPUT VOLTAGE STEP
Gain = 1
RL = 499 Ω
Rf = 1.3 kΩ
VS = ±5 V
Fall
Rise
Figure 2
0
100
200
300
400
500
600
0
0.5
1
1.5
2
VO − Output Voltage Step − V
SLEW RATE
vs
OUTPUT VOLTAGE STEP
Gain = −1
RL = 499 Ω
Rf = 1.3 kΩ
VS = ±5 V
Fall
Rise
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com