Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS4151CD Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4151CD
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4151CD Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button THS4151CD Datasheet HTML 11Page - National Semiconductor (TI) THS4151CD Datasheet HTML 12Page - National Semiconductor (TI) THS4151CD Datasheet HTML 13Page - National Semiconductor (TI) THS4151CD Datasheet HTML 14Page - National Semiconductor (TI) THS4151CD Datasheet HTML 15Page - National Semiconductor (TI) THS4151CD Datasheet HTML 16Page - National Semiconductor (TI) THS4151CD Datasheet HTML 17Page - National Semiconductor (TI) THS4151CD Datasheet HTML 18Page - National Semiconductor (TI) THS4151CD Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
R
PU +
V
P
– V
CC
V
IN
– V
P
1
RG )
V
OUT
– V
P
1
RF
DRIVING A CAPACITIVE LOAD
THS415x
Output
Output
20
Ω
20
Ω
390
Ω
390
Ω
390
Ω
390
Ω
ACTIVE ANTIALIAS FILTERING
VIN-
VIN+
+
-
+
-
VOCM
VOCM
VIN-
VIN+
VCC-
THS1050
THS415x
C3
C3
R4
R(t)
R2
R4
+
C1
+
VCC
C1
R2
R3
R3
C2
R1
R1
Vs
VIC
THS4150
THS4151
www.ti.com........................................................................................................................................................... SLOS321G – MAY 2000 – REVISED MARCH 2009
The following equation is used to calculate RPU:
Driving capacitive loads with high-performance amplifiers is not a problem as long as certain precautions are
taken. The first is to realize that the THS415x has been internally compensated to maximize its bandwidth and
slew rate performance. When the amplifier is compensated in this manner, capacitive loading directly on the
output will decrease the device's phase margin leading to high-frequency ringing or oscillations. Therefore, for
capacitive loads of greater than 10 pF, it is recommended that a resistor be placed in series with the output of
the amplifier, as shown in Figure 34. A minimum value of 20
Ω should work well for most applications. For
example, in 50-
Ω transmission systems, setting the series resistor value to 20 Ω both isolates any capacitance
loading and provides the proper line impedance matching at the source end.
Figure 34. Driving a Capacitive Load
For signal conditioning in ADC applications, it is important to limit the input frequency to the ADC. Low-pass
filters can prevent the aliasing of the high frequency noise with the frequency of operation. Figure 35 presents a
method by which the noise may be filtered in the THS415x.
Figure 35. Antialias Filtering
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com