Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L8200L-Q16-3030-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # L8200L-Q16-3030-R
Description  CONFIDENTIAL, SUPPLIDE UNDE NDA SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8200L-Q16-3030-R Datasheet(HTML) 3 Page - Unisonic Technologies

  L8200L-Q16-3030-R Datasheet HTML 1Page - Unisonic Technologies L8200L-Q16-3030-R Datasheet HTML 2Page - Unisonic Technologies L8200L-Q16-3030-R Datasheet HTML 3Page - Unisonic Technologies L8200L-Q16-3030-R Datasheet HTML 4Page - Unisonic Technologies L8200L-Q16-3030-R Datasheet HTML 5Page - Unisonic Technologies L8200L-Q16-3030-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
L8200
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R123-017.c
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
-0.6~25 continuous
V
Supply Current
IIN
120
mA
Power Dissipation
HTSSOP-20
PD
1.3
W
QFN-16(3×3)
2
W
Operating Temperature Range
TOPR
-40~+85
°C
Storage Temperature Range
TSTG
-40~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
Measured at TA=25°C, VIN=13V, RcalA=RcalM=22kΩ(setting lds to 10 mA) unless otherwise specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage Operating Range
VIN
8
22
V
Supply Current
No Load Supply Current (Note 1)
ICC
Id1=Id2=Idm=0mA
2
3
mA
QFN-16(3×3)
95
mA
Max Bias Load Current (Note 2)
Id1 or Id2+Id3+Idm
40
mA
Max Osc Load Current (Note 2)
LB or HB
50
mA
Max Iout Load Current (Note 2)
50
mA
Vout
VOUT
Vin=10.5V~21V, Iout=30mA
4.75
5
5.25
V
Substrate Voltage
VSUB
(Internally generated),
Isub=0mA
-3.0
-2.5
-2.0
V
Isub=-20uA
-2.0
V
Vpol Threshold
Vpol
Applied via Vin pin
14.1
14.7
15.4
V
Pol Switching Speed
Tpol
Vin(low)=13V, Vin (High)=18V
1
ms
Output Noise
Drain Voltage
Cgate-gnd=4.7nF,
Cdrain-gnd=10nF
0.02
Vpk-pk
Gate Voltage
ICgate-gnd=4.7nF,
Cdrain-gnd=10nF
0.005 Vpk-pk
Tone Detector
Tdetect Threshold
VTONE
Test Circuit 1
100
170
300
mV
Rejection Freq (Note 3)
Test Circuit 1,
V(AC)in=1Vp/p sq.w.
1.0
7.5
kHz
LO Output Stage
LB Vout Low
VLB
II=0, Test Circuit 1, Tone
enabled
-0.01
0
0.01
V
LB Vout High
II=50mA, Test Circuit 1, Tone
enabled
4.5
5.0
5.25
V
HB Vout Low
VHB
II=0, Test Circuit 1, Tone
enabled
-0.01
0
0.01
V
HB Vout High
II=50mA, Test Circuit 1, Tone
enabled
4.5
5.0
5.25
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com