Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L8200G-Q16-3030-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L8200G-Q16-3030-R
Description  CONFIDENTIAL, SUPPLIDE UNDE NDA SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8200G-Q16-3030-R Datasheet(HTML) 2 Page - Unisonic Technologies

  L8200G-Q16-3030-R Datasheet HTML 1Page - Unisonic Technologies L8200G-Q16-3030-R Datasheet HTML 2Page - Unisonic Technologies L8200G-Q16-3030-R Datasheet HTML 3Page - Unisonic Technologies L8200G-Q16-3030-R Datasheet HTML 4Page - Unisonic Technologies L8200G-Q16-3030-R Datasheet HTML 5Page - Unisonic Technologies L8200G-Q16-3030-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
L8200
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R123-017.c
MARKING INFORMATION
PACKAGE
MARKING
HTSSOP-20
QFN-16(3×3)
PIN CONFIGURATION
G1
D1
D2
G2
VOUT
HB
LB
CSUB
Top View
12
11
9
10
2
1
20
19
18
17
16
15
14
13
5
6
7
8
4
3
G1
D1
D2
G2
D3
NC
G3
DM
GM
NC
NC
RcalA
RcalM
GND
VIN
VOUT
HB
LB
CSUB
NC
GND
GND
PIN DESCRIPTION
Pin No.
PIN NAME
DESCRIPTION
QFN-16
HTSSOP-20
1
1
G1
To Gate of fet 1
2
2
D1
To Drain of fet 1
3
3
D2
To Drain of fet 2
4
5
G2
To Gate of fet 2
5
6
D3
To Drain of fet 3
6
7
G3
To Gate of fet 3
7
8
DM
To Drain of mix fet
8
9
GM
To Gate of mix fet
9
12
CSUB
Connect an external cap to produce -2.5V
10
13
LB
To Low band switch output
11
14
HB
To High Low band switch output
12
15
VOUT
5V output terminal
13
16
VIN
Power supply (include both voltage and tone signal)
14
17
GND
Ground
15
18
RcalM
Connect 22kohm to set Idm to 10mA
16
19
RcalA
Connect 22kohm to set Id1, Id2, Id3 to 10mA
4, 10, 11, 20
NC
NC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com