Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UB244AG-AG-SM1-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UB244AG-AG-SM1-R
Description  LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB244AG-AG-SM1-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UB244AG-AG-SM1-R Datasheet HTML 1Page - Unisonic Technologies UB244AG-AG-SM1-R Datasheet HTML 2Page - Unisonic Technologies UB244AG-AG-SM1-R Datasheet HTML 3Page - Unisonic Technologies UB244AG-AG-SM1-R Datasheet HTML 4Page - Unisonic Technologies UB244AG-AG-SM1-R Datasheet HTML 5Page - Unisonic Technologies UB244AG-AG-SM1-R Datasheet HTML 6Page - Unisonic Technologies UB244AG-AG-SM1-R Datasheet HTML 7Page - Unisonic Technologies UB244AG-AG-SM1-R Datasheet HTML 8Page - Unisonic Technologies UB244AG-AG-SM1-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
UB244A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 11
www.unisonic.com.tw
QW-R502-857.a
ABSOLUTE MAXIMUM RATING (TA= 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage Between VCC And VSS
VDS
VSS−0.3 ~ VSS+26
V
Input Pin Voltage (SENSE/VC1/VC2/VC3)
VIN
VSS−0.3 ~ VCC+0.3
V
CO Output Pin Voltage
VCO
VSS−0.3 ~ VCC+0.3
V
Power Dissipation (Note 2)
PD
500
mW
Operation Ambient Temperature
TOPR
−40 ~ +85
°C
Storage Temperature
TSTG
−40 ~ +125
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. When mounted on printed circuit board.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DETECTION VOLTAGE
Overcharge Detection Voltage n (n = 1,
2, 3, 4)
VCUn
4.05V ~ 4.50V Adjustment
VCUn −
0.050
VCUn
VCUn +
0.050
V
Overcharge Hysteresis
Voltage n (n = 1, 2, 3, 4)
(Note 1)
VCDn
0.28
0.38
0.48
V
DELAY TIME
Overcharge Detection Delay
Time
tCU
C=0.1μF
1.0
1.5
2.0
S
OPERATING VOLTAGE
Operating Voltage Between
VCC And VSS (Note 2)
VDSOP
3.6
24
V
CURRENT CONSUMPTION
Current Consumption During
Operation
IOPE
V1=V2=V3=V4=3.5V
1.5
6.0
μA
Current Consumption At Power Down
IPDN
V1=V2=V3=V4=2.3V
1.2
6.0
μA
VC1 Pin Current
IVC1
V1=V2=V3=V4=3.5V
-0.5
0
0.5
μA
VC2 Pin Current
IVC2
V1=V2=V3=V4=3.5V
-0.5
0
0.5
μA
VC3 Pin Current
IVC3
V1=V2=V3=V4=3.5V
-0.5
0
0.5
μA
OUTPUT VOLTAGE
CO “H” VOLTAGE
VCO(H)
IOUT = -10μA
VCC
-0.05
V
CO “L” VOLTAGE
VCO(L)
IOUT = 10μA
VSS
+0.05
V
Notes: 1. 0.25±0.07V, 0.13±0.04V, 0.045±0.02V except for 0.38V hysteresis models.
2. After detecting the overcharge, the delay circuit operates normally in the range of operating voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com