Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM7171AIMNOPB Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7171AIMNOPB
Description  LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7171AIMNOPB Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM7171AIMNOPB Datasheet HTML 14Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 15Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 16Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 17Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 18Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 19Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 20Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 21Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LM7171
SNOS760B – MAY 1999 – REVISED MARCH 2013
www.ti.com
Component Selection and Feedback Resistor
It is important in high speed applications to keep all component leads short. For discrete components, choose
carbon composition-type resistors and mica-type capacitors. Surface mount components are preferred over
discrete components for minimum inductive effect.
Large values of feedback resistors can couple with parasitic capacitance and cause undesirable effects such as
ringing or oscillation in high speed amplifiers. For LM7171, a feedback resistor of 510
Ω gives optimal
performance.
COMPENSATION FOR INPUT CAPACITANCE
The combination of an amplifier's input capacitance with the gain setting resistors adds a pole that can cause
peaking or oscillation. To solve this problem, a feedback capacitor with a value
CF > (RG × CIN)/RF
(1)
can be used to cancel that pole. For LM7171, a feedback capacitor of 2 pF is recommended. Figure 57 illustrates
the compensation circuit.
Figure 57. Compensating for Input Capacitance
POWER SUPPLY BYPASSING
Bypassing the power supply is necessary to maintain low power supply impedance across frequency. Both
positive and negative power supplies should be bypassed individually by placing 0.01
μF ceramic capacitors
directly to power supply pins and 2.2
μF tantalum capacitors close to the power supply pins.
Figure 58. Power Supply Bypassing
TERMINATION
In high frequency applications, reflections occur if signals are not properly terminated. Figure 59 shows a
properly terminated signal while Figure 60 shows an improperly terminated signal.
18
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM7171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com