Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M7206 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # M7206
Description  3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M7206 Datasheet(HTML) 8 Page - Unisonic Technologies

  M7206 Datasheet HTML 1Page - Unisonic Technologies M7206 Datasheet HTML 2Page - Unisonic Technologies M7206 Datasheet HTML 3Page - Unisonic Technologies M7206 Datasheet HTML 4Page - Unisonic Technologies M7206 Datasheet HTML 5Page - Unisonic Technologies M7206 Datasheet HTML 6Page - Unisonic Technologies M7206 Datasheet HTML 7Page - Unisonic Technologies M7206 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
M7206
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R502-Q37.A
Detailed Description(Cont.)
TEST
The TEST pin serves two functions. Within IC it is coupled to the internally generated digital supply through an
NMOS. Thus it can be used as the negative supply for externally generated segment drivers such as decimal points
or any other presentation the user may want to include on the LCD display. The second function is a “lamp test”.
When TEST is pulled high(to V+)all segment will be turned on and output should be “1888”.
Component Value Selection
Integrating Resistor
Both the buffer amplifier and the integrator have an output stage with 100μA of quiescent current. They can supply
4μA of drive current with negligible nonlinearity. The integrating resistor should be large enough to remain in this
very linear region over the input voltage range, but small enough that undue leakage requirements are not placed on
the PC board. For 2V full scale, 470kΩ is near optimum and similarly a 47kΩ for a 200mV scale.
Integrating Capacitor
The integrating capacitor should give the maximum voltage swing that ensures tolerance buildup will not saturate
the integrator swing (approximately. 0.3V from either supply). When the analog COMMON is used as a reference, a
nominal +2V full-scale integrator swing is fine. For three readings /second (48 kHz clock) nominal values for ClNT
are 0.22μF and 0.10μF, respectively. Of course, if different oscillator frequencies are used, these values should be
changed in inverse proportion to maintain the same output swing.
An additional requirement of the integrating capacitor is that it must have a low dielectric absorption to prevent
roll-over errors. While other types of capacitors are adequate for this application, polypropylene capacitors give the
best choice.
Auto-Zero Capacitor
The size of the auto-zero capacitor has some influence on the noise of the system. For 200mV full scale where
noise is very important, a 0.47μF capacitor is recommended. On the 2V scale, a 0.047μF capacitor increases the
speed of recovery from overload and is adequate for noise on this scale.
Oscillator Components
For all ranges of frequency a 100kΩ resistor is recommended and the capacitor is selected from the equation:
f0.45 /RC
For 48kHz clock(3 Reading/sec),
C=100pF.
Reference Capacitor
A 0.1μF capacitor gives good results in most applications. However, where a large common mode voltage exists
and a 200mV scale is used, a larger value is required to prevent roll-over error. Generally 1μF will hold the roll-over
error to 0.5 count in this instance.
Reference Voltage
The analog input required to generate full scale output (2000 counts) is:
IN
REF
V2V
. Thus, for the 200mV and 2V
scale,
REF
V
should equal 100mV and 1V, respectively. However, in some applications the full-scale input voltage may
be other than 200mV or 2V, but 600mV. For example, the reference voltage should be set to 300mV and the input
signal can be used directly without being divided.
The differential reference can be used during the measurement of resistor by the ratio metric method and when a
digital reading of zero is desired for VIN≠0. A compensating offset voltage can be applied between COM and IN LO
and the voltage of being measured is connected between COM and IN HI.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com