Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U74LVX4052L-P16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVX4052L-P16-R
Description  Dual 4-Channel Analog Multiplexer/Demultiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVX4052L-P16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVX4052L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74LVX4052L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74LVX4052L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74LVX4052L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74LVX4052L-P16-R Datasheet HTML 5Page - Unisonic Technologies U74LVX4052L-P16-R Datasheet HTML 6Page - Unisonic Technologies U74LVX4052L-P16-R Datasheet HTML 7Page - Unisonic Technologies U74LVX4052L-P16-R Datasheet HTML 8Page - Unisonic Technologies U74LVX4052L-P16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
U74LVX4052
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 11
www.unisonic.com.tw
QW-R502-950.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VCC
-0.5 ~ +7.0
V
VCC~VEE
-0.5 ~ +7.0
Control Input Voltage
VIN
-0.5 ~ +7.0
V
Switch I/O voltage
VI/O
VEE-0.5~VCC+0.5
V
Input diode current
IIK
-20
mA
I/O diode Current
IIOK
±20
mA
Switch through current
IT
±25
mA
DC Vcc or ground current
Icc
±50
mA
Power dissipation
PD
450
mW
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Power Supply Voltage
VCC
2.0
6.0
V
VEE
-4
0
VCC~VEE
2
6
Input Voltage
VIN
0
6
V
Switch I/O Voltage
VI/O
VEE
VCC
V
Input Rise and Fall time
dt/dv
VCC=3.3V±0.3
0
100
ns/V
VCC=5V±0.5
0
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com