Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N6167 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 2N6167
Description  SILICON CONTROLLED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N6167 Datasheet(HTML) 2 Page - Digitron Semiconductors

  2N6167 Datasheet HTML 1Page - Digitron Semiconductors 2N6167 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N6167-2N6170
SILICON CONTROLLED RECTIFIERS
Characteristic
Symbol
Min
Typ
Max
Unit
Gate trigger current (continuous dc)
(VD = 12Vdc, RL = 24Ω)
TC = -40°C
TC = 25°C
IGT
-
-
-
2.1
75
40
mA
Gate trigger voltage (continuous dc)
(VD = 12Vdc, RL = 24Ω)
TC = -40°C
TC = 25°C
VGT
-
-
0.8
0.63
2.5
1.6
Volts
Holding current
(VD = 12Vdc, gate open, IT = 200mA)
TC = -40°C
TC = 25°C
IH
-
-
-
3.5
90
50
mA
Turn-on time
(ITM = 41A, VD = rated VDRM, IGT = 200mA, rise time ≤ 0.05µs, pulse width = 10µs)
ton
-
-
1
µs
Turn-off time
(ITM = 10A, IR = 10A)
(ITM = 10A, IR = 10A, TJ = 100°C)
toff
-
-
25
40
-
-
µs
Forward voltage application rate
(TJ = 100°C, VD = Rated VDRM)
dv/dt
-
50
-
V/µs
MECHANICAL CHARACTERISTICS
Case
TO-48
Marking
Alpha-numeric
Pin out
See below
TO-48
Inches
Millimeters
Min
Max
Min
Max
A
0.604
0.614
15.340
15.600
B
0.551
0.559
14.000
14.200
C
1.050
1.190
2.670
30.230
F
0.135
0.160
3.430
4.060
H
-
0.265
-
6.730
J
0.420
0.455
10.670
11.560
K
0.620
0.670
15.750
17.020
L
0.300
0.350
7.620
8.890
Q
0.055
0.085
1.400
2.160
T
0.501
0.505
12.730
12.830
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130128



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com