Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N2575 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 2N2575
Description  SILICON CONTROLLED RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N2575 Datasheet(HTML) 1 Page - Digitron Semiconductors

  2N2575 Datasheet HTML 1Page - Digitron Semiconductors 2N2575 Datasheet HTML 2Page - Digitron Semiconductors 2N2575 Datasheet HTML 3Page - Digitron Semiconductors 2N2575 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130116
2N2573-2N2579
SILICON CONTROLLED RECTIFIER
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak repetitive forward and reverse blocking voltage (1)
2N2573
2N2574
2N2575
2N2576
2N2578
2N2579
VDRM or VRRM
25
50
100
200
400
500
Volts
On-state current
IT(RMS)
25
Amps
Circuit fusing (8.3ms)
I2t
280
A2s
Peak surge current
(Half cycle, 60Hz, TJ = -65° to +125°C)
ITSM
260
Amps
Peak gate power – forward
PGM
5
Watts
Average gate power – forward
PG(AVG)
0.5
Watts
Peak gate current – forward
IGM
2
Amps
Peak gate voltage
Forward
Reverse
VGFM
VGRM
10
5
Volts
Operating junction temperature range
TJ
-65 to +125
°C
Storage temperature range
Tstg
-65 to +150
°C
Thermal resistance, junction to case
R
ӨJC
1.5
°C/W
Note 1: VDRM and VRRM for all types can be applied on a continuous basis without incurring damage. Ratings apply for zero or negative gate voltage.
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak forward or reverse blocking current
(Rated VDRM or VRRM, gate open)
TJ = 25°C
TJ = 125°C
IDRM, IRRM
-
-
-
0.6
10
5
µA
mA
Gate trigger current (continuous dc)
(VD = 7V, RL = 100Ω)
IGT
-
-
40
mA
Gate trigger voltage (continuous dc)
(VD = 7V, RL = 100Ω)
(VD = rated VDRM, RL = 100Ω, TJ = 125°C)
VGT
-
0.3
0.7
-
3.5
-
Volts
Forward on voltage
(ITM = 20A)
VTM
-
1.1
1.4
Volts
Holding current
(VD = 7V, gate open)
IH
-
10
-
mA
Turn-on time (td + tr)
(IGT = 50mA, IT = 10A, VD = rated VDRM)
tgt
-
1
-
µs
Turn-off time
(IT = 10A, IR = 10A, dv/dt = 20V/µs, TJ = 125°C)
(VD = rated voltage VDRM)
tq
-
30
-
µs
Forward voltage application rate
(exponential)
(Gate open, TJ = 125°C, VD = rated VDRM)
dv/dt
-
30
-
V/µs


Similar Part No. - 2N2575

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N2575 MOTOROLA-2N2575 Datasheet
135Kb / 3P
SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
2N2575 NJSEMI-2N2575 Datasheet
164Kb / 2P
20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
More results

Similar Description - 2N2575

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
SILICON CONTROLLED RECTIFIER
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
SILICON CONTROLLED RECTIFIER
MCR1718 DIGITRON-MCR1718 Datasheet
118Kb / 2P
SILICON CONTROLLED RECTIFIER
BRY55 DIGITRON-BRY55 Datasheet
177Kb / 2P
SILICON CONTROLLED RECTIFIER
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
C137E NJSEMI-C137E Datasheet
182Kb / 3P
Silicon Controlled Rectifier
C203 NJSEMI-C203 Datasheet
89Kb / 2P
Silicon Controlled Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com