Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZX97/C15 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # BZX97/C15
Description  0.5W SILICON PLANAR ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

BZX97/C15 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  BZX97/C15 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech BZX97/C15 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE
BZX97/C 2V4 THRU BZX97/C 51
CHENYI ELECTRONICS
0.5W SILICON PLANAR ZENER DIODES
FEATURES
The zener voltage are gaded accrding to the intermational E24
standard. Other voltage tolerances on request
MECHANICAL DATA
. Case: DO-35 glass case
. Polarity: Color band denotes cathode end
. weight: Approx. 0.13 gram
ABSOLUTE MAXIMUM RATINGS(LIMITING VALUES)(TA=25
)
Symbols
Value
Units
Zener current see table "Characteristics"
Power dissipation at TA=25
Ptot
mW
Junction temperature
TJ
Storage temperature range
TSTG
1)Valid provided that a distance of 8mm from case are kept at ambient temperature
ELECTRCAL CHARACTERISTICS(TA=25
)
Symbols
Min
Typ
Max
Units
Thermal resistance junction to ambient
R
JA
300 1)
K/W
Forward voltage at
IF=100mA
VF
1.0
V
1) Valid provided that a distance at 8mm from case are kept at ambient temperature
500 1)
175
-55 to +175
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2


Similar Part No. - BZX97/C15

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
BZX97/C15 SEMTECH-BZX97/C15 Datasheet
193Kb / 2P
SILICON PLANAR ZENER DIODES
More results

Similar Description - BZX97/C15

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
1N957THRU1N978 CHENYI-1N957THRU1N978 Datasheet
46Kb / 2P
0.5W SILICON PLANAR ZENER DIODES
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
0.5W SILICON PLANAR ZENER DIODES
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com