Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM-520 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AM-520
Description  True-rms Electrical True-rms Contractor Multimeter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM-520 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AM-520 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM-520 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Amprobe®
info@amprobe.com
Everett, WA 98203
Tel: 877-AMPROBE (267-7623)
Amprobe®Europe
In den Engematten 14,
79286 Glottertal, Germany
Tel.: +49 (0) 7684 8009 - 0
For detailed specifications and ordering info go to www.amprobe.com
4137395B
©2012 Amprobe Test Tools. All rights reserved.
www.Amprobe.com
incluDeD AcceSSorieS
Model
Batteries (Installed)
Test Leads
Temperature Probe
Temperature
Adaptor
Velcro Strap
Carrying Case
User’s Manual
AM-500
AAAx2
■
■
AM-510
9V(6F22)x1
■
■
AM-520
9V(6F22)x1
■
K-typeprobex1
■
■
■
AM-530
9V(6F22)x1
■
K-typeprobex1
■
■
■
AM-540
9V(6F22)x1
■
K-typeprobex2
■
■
■
■
AM-550
9V(6F22)x1
■
K-typeprobex2
■
■
■
■
AM-500
AM-510
AM-520
AM-530
AM-560
AM-570
MuLTIMeTeRType
Autoranging Com/Res
HVAC
electrical
Adv.HVAC
Industrial
Application:
SafetyRating
Safety
CATIII600V
CATIII600V CATIII600V
CATIII600V
CATIV600V
CATIII1000V
CATIV600V
CATIII1000V
Measurevoltageinnoisyenvironments
True-rms
■
■
electricalpanels,ACoutlets
AC Voltage (V)
600
600
600
600
1000
1000
DCsystems,auto/marinebatteries
DC Voltage (V)
600
600
600
600
1000
1000
ACCurrent-electricalpanels,appliances
AC Current (A)
10
10
10
10
10
10
DCCurrent-electronics,DCmotors
DC Current (A)
10
10
10
10
10
10
Specifiedresistanceandcontinuity
Resistance (MOhms)
20
40
40
40
60
60
Flamesensors
Micro Amps
■
■
■
■
■
■
Diodesinactodcconverters
Diode test
■
■
■
■
■
■
Fuses,lightbulbs,wireconnections
Continuity
■
■
■
■
■
■
Householdbatteries
Battery test
■
■
Motorstartuporruncapacitors
Capacitance
■
■
■
■
■
Frequencyverification
Frequency
■
■
■
■
■
VolTectTMNon-contactvoltagedetection
Non-contact voltage
■
■
■
■
■
electricalload-timeonvs.timeoff
Duty cycle
■
■
■
Tempofairvents,fuses,transformers
Temperature inputs
1
1
2
2
Automaticallyselectsmeasurementrange
Autoranging
■
■
■
■
■
■
Manuallyselectmeasurementrange
Manual ranging
■
■
■
■
■
Voltageonvariablefrequencydrives
Low pass filter
■
■
Detectstrayvoltages
Low Z
■
Dimlylitareas
Built-in flashlight
■
■
■
■
■
Meterresolution
LCD Counts
2,000
4,000
4,000
4,000
6,000
6,000
Dimlylitareas
Backlight
■
■
■
■
■
Monitoringfastchangingsignals
Bar graph
■
■
■
■
Tworelativemeasurementsononescreen
Dual display
■
■
Datamemory
Data hold
■
■
■
■
■
■
Differencebetweentwomeasurements
Relative reading
■
■
■
■
■
Max/minpeakmeasurement
Max/min hold
■
■
■
■
Specializedsignalmeasurements
Peak hold (crest)
■
■
AM-500 SerieS Selection guiDe



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com