Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U74AHCT157L-P16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHCT157L-P16-R
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT157L-P16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHCT157L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT157L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT157L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT157L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74AHCT157L-P16-R Datasheet HTML 5Page - Unisonic Technologies U74AHCT157L-P16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74AHCT157
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-652.A
SWITCHING CHARACTERISTICS (VCC = 5V ± 0.5V, TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CL=15pF, RL=1kΩ
4.1
6.4
tPLH
CL=50pF, RL=1kΩ
5.6
8.7
ns
CL=15pF, RL=1kΩ
4.1
6.4
Propagation delay from input A or B
to output Y, tPD
tPHL
CL=50pF, RL=1kΩ
5.6
8.7
ns
CL=15pF, RL=1kΩ
5.3
8.1
tPLH
CL=50pF, RL=1kΩ
6.8
10.4
ns
CL=15pF, RL=1kΩ
5.3
8.1
Propagation delay from input A/ B
to output Y, tPD
tPHL
CL=50pF, RL=1kΩ
6.8
10.4
ns
CL=15pF, RL=1kΩ
5.6
8.6
tPLH
CL=50pF, RL=1kΩ
7.1
11
ns
CL=15pF, RL=1kΩ
5.6
8.6
Propagation delay from input G to
output Y, tPD
tPHL
CL=50pF, RL=1kΩ
7.1
11
ns
OPERATING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Power dissipation capacitance
CPD
VCC = 5V, f=1MHz, No load
11
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com