Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U74AUP1G14G-AL5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AUP1G14G-AL5-R
Description  LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AUP1G14G-AL5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AUP1G14G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74AUP1G14G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74AUP1G14G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74AUP1G14G-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74AUP1G14G-AL5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74AUP1G14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-885.A
STATIC CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low-Level Output Voltage
VOL
VCC=0.8V ~ 3.6V, IOH=20μA
0.1
V
VCC=1.1V, IOH=1.1mA
0.3×Vcc
VCC=1.4V, IOH=1.7mA
0.31
VCC=1.65V, IOH=1.9mA
0.31
VCC=2.3V, IOH=2.3mA
0.31
VCC=2.3V, IOH=3.1mA
0.44
VCC=3V, IOH=2.7mA
0.31
VCC=3V, IOH=4mA
0.44
Input Leakage Current
II(LEAK)
VCC=0V ~ 3.6V, VIN=VCC or GND
±0.1
μA
Power OFF Leakage Current
IOFF
VCC=0V, VIN or VCC=3.6V
±0.2
μA
Quiescent Supply Current
ICC
VCC=0.8V ~3.6V, IOUT=0
VIN=VCC or GND
0.5
μA
Additional Quiescent Supply
Current
ΔICC
VCC=3.3V, One input at VCC-0.6V,
other inputs at VCC or GND
40
μA
Input Capacitance
CIN
VCC=3.6V, VIN=VCC or GND
1.5
pF
DYNAMIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay from input
(A) to output(Y)
tPLH/tPHL
VCC=0.8V
CL=5pF, RL=1MΩ
16.3
ns
VCC=1.2V±0.1V
4.2
6.9
11.7
VCC=1.5V±0.1V
3.7
5.2
8.4
VCC=1.8V±0.15V
3.3
4.4
6.9
VCC=2.5V±0.2V
2.8
3.5
4.8
VCC=3.3V±0.3V
2.5
3
4
Propagation delay from input
(A) to output(Y)
tPLH/tPHL
VCC=0.8V
CL=10pF, RL=1MΩ
18.4
ns
VCC=1.2V±0.1V
4.6
7.9
13.4
VCC=1.5V±0.1V
4
6
9.6
VCC=1.8V±0.15V
3.6
5
7.9
VCC=2.5V±0.2V
3.2
4
5.5
VCC=3.3V±0.3V
2.9
3.5
4.6
Propagation delay from input
(A) to output(Y)
tPLH/tPHL
VCC=0.8V
CL=15pF, RL=1MΩ
20.1
ns
VCC=1.2V±0.1V
5.5
8.7
14
VCC=1.5V±0.1V
4.7
6.7
10
VCC=1.8V±0.15V
4.2
5.6
8.3
VCC=2.5V±0.2V
3.6
4.5
5.9
VCC=3.3V±0.3V
3.3
3.9
5
Propagation delay from input
(A) to output(Y)
tPLH/tPHL
VCC=0.8V
CL=30pF, RL=1MΩ
25.7
ns
VCC=1.2V±0.1V
7.4
11.2
17.1
VCC=1.5V±0.1V
6.1
8.5
12.3
VCC=1.8V±0.15V
5.4
7.2
10.3
VCC=2.5V±0.2V
4.7
5.7
7.4
VCC=3.3V±0.3V
4.2
5
6.2
OPERATING CHARACTERISTICS (f=10MHz)
PARAMETER
SYMBOL
TEST CONDTIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
VCC=0.8V
4
pF
VCC=1.2V±0.1V
4
VCC=1.5V±0.1V
4.1
VCC=1.8V±0.15V
4.1
VCC=2.5V±0.2V
4.3
VCC=3.3V±0.3V
4.4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com