| Electronic Components Datasheet Search |
|
CDRH2D18HPNP-R36NC Datasheet(PDF) 1 Page - Sumida Corporation |
|
|
|||||||||||||||||||||||||||||
CDRH2D18HPNP-R36NC Datasheet(HTML) 1 Page - Sumida Corporation |
|
1 / 4 page ![]() Page 1 of 4 Revised: 7-Jan-14 SMD SMD SMD SMD Power Inductor Power Inductor Power Inductor Power Inductor CDRH2D18/HP Description • Ferrite drum core construction. • Magnetically shielded. • L ×W×H:3.2×3.2×2.0 mm Max. • Product weight: 65mg(Ref.) • Moisture Sensitivity Level: 1 • RoHS compliance. • Halogen Free available. Environmental Data • Operating temperature range: -40 ℃~+105℃ (including coil’s self temperature rise) • Storage temperature range: -40 ℃~+105℃ • Solder reflow temperature: 260 ℃ peak. Packaging • Carrier tape and reel packaging • 7.0”diameter reel • 1000pcs per reel Applications • Ideally used in Mobilephone,PDA,MP3, DSC/DVC, etc. as DC-DC converter inductors. Halogen Free RoHS Dimension - [mm] Land pattern and Schematics - [mm] 4.3 1. 3 1.3 1.7 ※ 2 1.0 ± 0.1 φ 2. 1 ※ 2 3. 3± 0. 2 2.0 Max. ※ 1 3. 0± 0. 2 ※1 3.0±0.2 4. 5 Ma x. (1.8) Electrode (0.20 μH~3.3μH) (4.7 μH~15μH) 1 2 2 1 |
Similar Part No. - CDRH2D18HPNP-R36NC |
|
Similar Description - CDRH2D18HPNP-R36NC |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |