Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ70XPTR Datasheet(PDF) 39 Page - STMicroelectronics

Part # L99DZ70XPTR
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XPTR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L99DZ70XPTR Datasheet HTML 35Page - STMicroelectronics L99DZ70XPTR Datasheet HTML 36Page - STMicroelectronics L99DZ70XPTR Datasheet HTML 37Page - STMicroelectronics L99DZ70XPTR Datasheet HTML 38Page - STMicroelectronics L99DZ70XPTR Datasheet HTML 39Page - STMicroelectronics L99DZ70XPTR Datasheet HTML 40Page - STMicroelectronics L99DZ70XPTR Datasheet HTML 41Page - STMicroelectronics L99DZ70XPTR Datasheet HTML 42Page - STMicroelectronics L99DZ70XPTR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
L99DZ70XP
SPI - control and status registers
Doc ID 15162 Rev 4
39/47
5.6
Status register 1
Table 30.
Status register 1 (read)
Bit
Name
Comment
15
OUT1 – HS UC
Maskable by the
configuration register
14
OUT1 – LS UC
13
OUT2 – HS UC
The open load detection monitors the load current in each activated output
stage. If the load current is below the under-current detection threshold for
at least 1 ms (tdOL) , the corresponding under-current bit UC is set. Due to
mechanical/electrical inertia of typical loads a short activation of the outputs
(e.g. 3ms) can be used to test the open load status without changing the
mechanical/electrical state of the loads.
12
OUT2 – LS UC
11
OUT3 – HS UC
10
OUT3 – LS UC
9
OUT4 – HS UC
8
OUT4 – LS UC
7
OUT5 – HS UC
6
OUT5 – LS UC
5
OUT6 – HS UC
4
OUT6 – LS UC
30
Reserved
20
10
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com