| Electronic Components Datasheet Search |
|
L4995RJ Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L4995RJ Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 35 page ![]() L4995 Electrical specifications Doc ID 13103 Rev 14 11/35 Table 7. Watchdog Pin Symbol Parameter Test condition Min. Typ. Max. Unit Wi Vih Input high voltage VS = 13.5V 3.5 V Wi Vil Input low voltage VS = 13.5V 1.5 V Wi Vih Input hysteresis VS = 13.5V 500 mV Wi Iwi Pull down current VS = 13.5V Vwi = 3.5V 610 µA Vcw Vwlth Low threshold VS = 13.5V 10% 13% 16% Vo_ref Vcw Vwhth High threshold VS = 13.5V 44% 47% 50% Vo_ref Vcw Icwc Charge current VS = 13.5V, Vcw = 0.1V 510 20 µA Vcw Icwd Discharge current VS = 13.5V, Vcw = 2.5V 1.25 2.5 5 µA Vcw Twop Watchdog period VS = 13.5V, Ctw = 47nF 20 40 80 ms Res twol Watchdog output low time VS = 13.5V, Ctw = 47nF 48 16 ms Table 8. Enable Pin Symbol Parameter Test condition Min. Typ. Max. Unit En VEn_low En input low voltage 1 V En VEn_high En input high voltage 3 V En VEn_hyst En input hysteresis 830 mV En IEn Pull down current VS = 13.5V 10 18 µA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |