Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4995RK Datasheet(PDF) 17 Page - STMicroelectronics

Part # L4995RK
Description  5V, 500mA low drop voltage regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995RK Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L4995RK Datasheet HTML 13Page - STMicroelectronics L4995RK Datasheet HTML 14Page - STMicroelectronics L4995RK Datasheet HTML 15Page - STMicroelectronics L4995RK Datasheet HTML 16Page - STMicroelectronics L4995RK Datasheet HTML 17Page - STMicroelectronics L4995RK Datasheet HTML 18Page - STMicroelectronics L4995RK Datasheet HTML 19Page - STMicroelectronics L4995RK Datasheet HTML 20Page - STMicroelectronics L4995RK Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
L4995
Application information
Doc ID 13103 Rev 14
17/35
3
Application information
Figure 26.
L4995 application schematic(1)
1.
The input capacitor Cs > 200nF is necessary for the smoothing of line disturbances. The output capacitor
C01 > 100nF is necessary for the stability of the regulation loop. In order to dampen output voltage
oscillations during high load current surges, it is recommended an additional electrolytic capacitor C02 >
10µF to be placed at the output pin.
Figure 27.
Stability region(1)
1.
The curve which describes the minimum ESR is derived from characterization data on the regulator with
connected ceramic capacitors which feature low ESR values (at 100 kHz). Any capacitor with further lower
ESR than the given plot value must be evaluated in each and every case.
0.001
0.01
0.1
1
10
100
0.5
5
10
1520
2530
3540
45
50
Co (uF)
ESR min
ESR max
Unstable region
Stability region
Undefined region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35