Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV981MFNOPB Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV981MFNOPB
Description  Dual 1.8V, RRIO Operational Amplifiers with Shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV981MFNOPB Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LMV981MFNOPB Datasheet HTML 18Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 19Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 20Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 21Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 22Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 23Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 24Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 25Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LMV981MF
SOT-23
DBV
6
1000
210.0
185.0
35.0
LMV981MF/NOPB
SOT-23
DBV
6
1000
210.0
185.0
35.0
LMV981MFX/NOPB
SOT-23
DBV
6
3000
210.0
185.0
35.0
LMV981MG
SC70
DCK
6
1000
210.0
185.0
35.0
LMV981MG/NOPB
SC70
DCK
6
1000
210.0
185.0
35.0
LMV981MGX/NOPB
SC70
DCK
6
3000
210.0
185.0
35.0
LMV981TL/NOPB
DSBGA
YZR
6
250
210.0
185.0
35.0
LMV981TLX/NOPB
DSBGA
YZR
6
3000
210.0
185.0
35.0
LMV982MM/NOPB
VSSOP
DGS
10
1000
210.0
185.0
35.0
LMV982MMX/NOPB
VSSOP
DGS
10
3500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Sep-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com