Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTD965N3-R-T1-G Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTD965N3-R-T1-G
Description  Low Vcesat NPN Epitaxial Planar Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTD965N3-R-T1-G Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTD965N3-R-T1-G Datasheet HTML 1Page - Cystech Electonics Corp. BTD965N3-R-T1-G Datasheet HTML 2Page - Cystech Electonics Corp. BTD965N3-R-T1-G Datasheet HTML 3Page - Cystech Electonics Corp. BTD965N3-R-T1-G Datasheet HTML 4Page - Cystech Electonics Corp. BTD965N3-R-T1-G Datasheet HTML 5Page - Cystech Electonics Corp. BTD965N3-R-T1-G Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C847N3
Issued Date : 2003.07.02
Revised Date :2013.01.03
Page No. : 2/6
BTD2098N3
CYStek Product Specification
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCEO
20
-
-
V
IC=1mA, IB=0
BVEBO
7
-
-
V
IE=10μA, IC=0
ICBO
-
-
0.1
μA
VCB=10V, IE=0
ICEO
-
-
1
μA
VCB=10V, IE=0
IEBO
-
-
0.1
μA
VEB=7V,IC=0
*VCE(sat)
-
0.35
1.0
V
IC=3A, IB=0.1A
*hFE1
230
-
800
-
VCE=2V, IC=500mA
*hFE2
150
-
-
-
VCE=2V, IC=2.00A
fT
-
150
-
MHz
VCE=6V, IE=50mA, f=200MHz
Cob
-
-
50
pF
VCB=20V, IE=0A, f=1MHz
*Pulse Test : Pulse Width
≤380μs, Duty Cycle≤2%
Classification Of hFE1
Rank
Q
R
S
Range
230~380
340~600
400~800
Ordering Information
Device
HFE Rank
Package
Shipping
BTD965N3-Q-T1-G
Q
SOT-23 (Pb-free lead plating
and halogen-free package)
3000 pcs / Tape & Reel
BTD965N3-R-T1-G
R
SOT-23 (Pb-free lead plating
and halogen-free package)
3000 pcs / Tape & Reel
BTD965N3-S-T1-G
S
SOT-23 (Pb-free lead plating
and halogen-free package)
3000 pcs / Tape & Reel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com