Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U74CBT2G125G-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74CBT2G125G-P08-R
Description  Dual Bus Switch with Level Shift
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBT2G125G-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74CBT2G125G-P08-R Datasheet HTML 1Page - Unisonic Technologies U74CBT2G125G-P08-R Datasheet HTML 2Page - Unisonic Technologies U74CBT2G125G-P08-R Datasheet HTML 3Page - Unisonic Technologies U74CBT2G125G-P08-R Datasheet HTML 4Page - Unisonic Technologies U74CBT2G125G-P08-R Datasheet HTML 5Page - Unisonic Technologies U74CBT2G125G-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74CBT2G125
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-942.A
Dual Bus Switch with Level Shift
DESCRIPTION
The U74CBT2G125 is a low on-resistance, high-speed CMOS
2-bit bus switch. This bus switch allows the connections or
disconnections to be made with minimal propagation delay while
maintaining Low power dissipation which is the feature of CMOS.
When output enable ( OE ) is at low level, the switch is on; when
at high level, the switch is off.
The device is enable to realize the shift of signal level from 5V to
3.3 V. All inputs are equipped with protector circuits to protect the
device from static discharge.
FEATURES
* Operating voltage: VCC=4.0~5.5V
* High speed operation: tpd=0.32 ns (max)
* Ultra-low on resistance: RON=5Ω (typ.)
* TTL level input (control input)
* Low Power Dissipation: ICC=10μA (max.)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74CBT2G125L-S08-T
U74CBT2G125G-S08-T
SOP-8
Tube
U74CBT2G125L-S08-R
U74CBT2G125G-S08-R
SOP-8
Reel Tape
U74CBT2G125L-P08-R
U74CBT2G125G-P08-R
TSSOP-8
Reel Tape


Similar Part No. - U74CBT2G125G-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74CBT2G125G-P08-R UTC-U74CBT2G125G-P08-R Datasheet
190Kb / 6P
Dual Bus Switch with Level Shift
More results

Similar Description - U74CBT2G125G-P08-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTD3306 PHILIPS-CBTD3306 Datasheet
76Kb / 8P
Dual bus switch with level shifting
2001 Nov 08
logo
Toshiba Semiconductor
TC7WBD125AFK TOSHIBA-TC7WBD125AFK Datasheet
118Kb / 7P
Dual Bus Switch with Level Shift
TC7WBD125FK TOSHIBA-TC7WBD125FK Datasheet
119Kb / 7P
Dual Bus Switch with Level Shift
TC7WBD126AFK TOSHIBA-TC7WBD126AFK Datasheet
111Kb / 7P
Dual Bus Switch with Level Shift
18-Oct-2002
TC7WBD126FK TOSHIBA-TC7WBD126FK Datasheet
126Kb / 7P
Dual Bus Switch with Level Shift
logo
Vishay Siliconix
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
Load Switch with Level-Shift
14-Jun-04
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
Load Switch with Level-Shift
logo
NXP Semiconductors
CBTD3306 PHILIPS-CBTD3306_15 Datasheet
220Kb / 17P
Dual bus switch with level shifting
Rev. 8-1 May 2012
logo
Unisonic Technologies
U74CBT2G125 UTC-U74CBT2G125_15 Datasheet
190Kb / 6P
Dual Bus Switch with Level Shift
logo
Nexperia B.V. All right...
CBTD3306 NEXPERIA-CBTD3306 Datasheet
215Kb / 12P
Dual bus switch with level shifting
Rev. 10 - 19 March 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com