Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U74CBTLV3126G-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74CBTLV3126G-P14-R
Description  LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBTLV3126G-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74CBTLV3126G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74CBTLV3126G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74CBTLV3126G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74CBTLV3126G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74CBTLV3126G-P14-R Datasheet HTML 5Page - Unisonic Technologies U74CBTLV3126G-P14-R Datasheet HTML 6Page - Unisonic Technologies U74CBTLV3126G-P14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
U74CBTLV3126
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-954,A
ABSOLUTE MAXIMUM RATING (unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~4.6
V
Input Voltage
VI
-0.5~4.6
V
Continuous channel current
128
mA
Input Clamp Current(VI/O<0)
IIK
-50
mA
Operating free-air Temperature
TA
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
113
°C/W
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
MIN
TYP MAX UNIT
Supply Voltage
VCC
2.3
3.6
V
High-control input voltage
VIH
VCC=2.3V~2.7V
1.7
V
VCC=2.7V~3.6V
2
Low-control input voltage
VIL
VCC=2.3V~2.7V
0.7
V
VCC=2.7V~3.6V
0.8
Operating Temperature
TA
-40
-85
°C
Note: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation.
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Digital Input Diode Voltage
VIK
VCC =3V, II=-18mA
-1.2
V
Input Leakage Current
II
VCC=3.6V, VI=VCC or GND
±1
μA
Power off Leakage Carrent
Ioff
VCC=0,VI or VO=0 to 3.6V
10
μA
Quiosceut Supply Current
ICC
VCC=3.6V, VI= VCC or GND, IO=0
10
μA
Additional
Quiescent Supply
Current
Control inputs
△
ICC
VCC=3.6V, One input at 3V,
Other inputs at VCC or GND
300
μA
Control input
Capacitance
Control inputs
CI
VO=3V or 0
2.5
pF
I/O Capacitance (OFF)
CIO(OFF) VO=3V or 0, OE=GND
7
pF
Resistor between two ports
RON
VCC=2.3V
TYP at VCC=2.5V
VI=0
II=64mA
5
8
Ω
II=24mA
5
8
VI=1.7V
II=-15mA
27
40
VCC=3V
VI=0V
II=64mA
5
7
II=24mA
5
7
VI=2.4V
II=-15mA
10
15
Note: All typical values are at VCC=3.3V, TA=25°C, unless otherwise noted.
DYNAMIC CHARACTERISTICS
See Fig. 1 and Fig. 2 for test circuit and waveforms.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
From input (A or B) to output (B or A)
tpd ( tPLH/tPHL )
VCC=2.5V±0.2V
0.15
ns
VCC=3.3V±0.3V
0.25
From input (OE) to output (A or B)
ten ( tPZL/tPZH )
VCC=2.5V±0.2V
1.6
4.5
VCC=3.3V±0.3V
1.9
4.2
ns
From input (OE) to output (A or B)
tdis ( tPLZ/tPHZ )
VCC=2.5V±0.2V
1.3
1.7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com