Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

45FLZ-SM1-R-TB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 45FLZ-SM1-R-TB
Description  Connectors for FFC and FPC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

45FLZ-SM1-R-TB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  45FLZ-SM1-R-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers 45FLZ-SM1-R-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers 45FLZ-SM1-R-TB Datasheet HTML 3Page - List of Unclassifed Manufacturers 45FLZ-SM1-R-TB Datasheet HTML 4Page - List of Unclassifed Manufacturers 45FLZ-SM1-R-TB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
492
Features––––––––––––––––––––––––
• Zero insertion force mechanism
A ZIF mechanism increases wear resistance and extends the
connector's mating life.
• Heat resistant design suitable for surface mounting
This housing is made of heat resistant plastic to allow reflow
soldering.
• In-line surface mount tails
Has an in-line surface mount tails for easy inspection.
• Two types of connections
The connector is available in either the normal or reverse
configurations. The FFC/FPC is positioned with its mating
surfaces facing upward for the normal configured connector,
while the reverse configuration requires that the FFC/FPC be
positioned with its mating surfaces facing down. The engineer
has greater freedom in designing his circuitry.
• Embossed tape for automatic mounting
The FLZ connector can be packaged in embossed tape for
automatic mounting.
Specifications –––––––––––––––––––
• Current rating:
0.5A AC, DC
• Voltage rating:
50V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/40m
Ω max.
After environmental testing/60m
Ω max.
• Insulation resistance:
800M
Ω min.
• Withstanding voltage:
200V AC/minute
• Applicable FFC and FPC:
Lead pitch/0.5mm(.020")
Lead width/0.35mm(.014")
Mating part thickness/
0.30
±0.03mm(.012" ± .001")
<
Note>FFC and FPC to be actually used should be checked for applicability.
* Contact JST if Lead-Free product is required.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
HJST
This extremely small 0.5mm (.020") pitch
connector with a height of only 2.0mm
(.079") above the PCB surface allows
interconnection in extremely small spaces
and is an example of JST's leading edge
technology.
FLZ CONNECTOR
Connectors for FFC and FPC
0.5mm
(.020") pitch
Emboss Tape
492
492
492


Similar Part No. - 45FLZ-SM1-R-TB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
45FLZ-SM2-R-TB ETC2-45FLZ-SM2-R-TB Datasheet
84Kb / 2P
FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
More results

Similar Description - 45FLZ-SM1-R-TB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12-6S-0.5SH HIROSE-FH12-6S-0.5SH Datasheet
481Kb / 10P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Yamaichi Electronics Co...
FPC-96212-0401 YAMAICHI-FPC-96212-0401 Datasheet
290Kb / 5P
ZIF for FFC / FPC Connector
logo
Hirose Electric
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
0.5mm pitch/Connectors for FFC and FPC
FWG JST-FWG Datasheet
251Kb / 4P
0.5mm pitch/Disconnectable Crimp style connectors/Connector for FPC and FFC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com