Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U74HC4094G-S16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74HC4094G-S16-R
Description  8-STAGE SHIFT & STORE BUS REGISTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4094G-S16-R Datasheet(HTML) 6 Page - Unisonic Technologies

  U74HC4094G-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC4094G-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC4094G-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4094G-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4094G-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4094G-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
U74HC4094
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-645.B
TEST CIRCUIT AND WAVEFORMS
Note: CL =50pF, RL =1kΩ
Timing
Input
50%
VCC
0V
VCC
Data
Input
Setup Time and Hold Time
VCC
tW
th
Pulse Width
Propagation Delay Times
tPZL
Enable and Disable Times
tSU
VI
VO
OE
50%
50%
0V
0V
50%
50%
VO
50%
50%
VCC
0V
0V
VCC
VOL
VOH
50%
50%
10%
90%
tPLZ
tPZH
tPHZ
VI
VO
50%
50%
50%
50%
tPLH
tPHL
VCC
VOH
VOL
0V
Note: CL includes probe and jig capacitance.
PRR ≤10MHz, Zo = 50Ω, tr ≤6ns, tf ≤6ns.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com