Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U74LV4052L-P16-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # U74LV4052L-P16-R
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEX ERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LV4052L-P16-R Datasheet(HTML) 8 Page - Unisonic Technologies

  U74LV4052L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 5Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 6Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 7Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 8Page - Unisonic Technologies U74LV4052L-P16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
U74LV4052
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-A59.A
TEST CIRCUIT AND WAVEFORMS (Cont.)
Fig. 6 Frequency Response (Switch On)
VCC
VINH=GND
fIn
VO1
VCC
GND
(ON)
50Ω
CL=50pF
0.1μF
VI
RL=600Ω
VCC/2
600Ω
VCC
VINH=VCC
VO2
VCC
GND
(OFF)
CL=50pF
RL=600Ω
VCC/2
600Ω
Fig. 7 Crosstalk Between Any Two Switches
VCC
VINH
VCC
GND
50Ω
CL=50pF
VO
RL=600Ω
VCC/2
600Ω
VCC/2
fIN
Fig. 8 Crosstalk Between Control Input and Switch Output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com