Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U74LV4052G-P16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LV4052G-P16-R
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEX ERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LV4052G-P16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LV4052G-P16-R Datasheet HTML 1Page - Unisonic Technologies U74LV4052G-P16-R Datasheet HTML 2Page - Unisonic Technologies U74LV4052G-P16-R Datasheet HTML 3Page - Unisonic Technologies U74LV4052G-P16-R Datasheet HTML 4Page - Unisonic Technologies U74LV4052G-P16-R Datasheet HTML 5Page - Unisonic Technologies U74LV4052G-P16-R Datasheet HTML 6Page - Unisonic Technologies U74LV4052G-P16-R Datasheet HTML 7Page - Unisonic Technologies U74LV4052G-P16-R Datasheet HTML 8Page - Unisonic Technologies U74LV4052G-P16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LV4052
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-A59.A
DUAL 4-CHANNEL ANALOG
MULTIPLEXERS/DEMULTIPLEX
ERS
DESCRIPTION
These dual 4-channel CMOS analog multiplexers/demultiplexers
are designed for 2-V to 5.5-V VCC operation.
The U74LV4052 handles both analog and digital signals. Each
channel permits signals with amplitudes up to 5.5V (peak) to be
transmitted in either direction.
Applications include signal gating, chopping, modulation or
demodulation (modem), and signal multiplexing for analog-to-digital
and digital-to-analog conversion systems.
FEATURES
* 2-V to 5.5-V VCC Operation
* Fast Switching
* High On-Off Output-Voltage Ratio
* Low Crosstalk Between Switches
* Extremely Low Input Current
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LV4052L-S16-T
U74LV4052G-S16-T
SOP-16
Tube
U74LV4052L-S16-R
U74LV4052G-S16-R
SOP-16
Tape Reel
U74LV4052L-P16-T
U74LV4052G-P16-T
TSSOP-16
Tube
U74LV4052L-P16-R
U74LV4052G-P16-R
TSSOP-16
Tape Reel
MARKING INFORMATION
PACKAGE
MARKING
SOP-16/TSSOP-16


Similar Part No. - U74LV4052G-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LV4052G-P16-R UTC-U74LV4052G-P16-R Datasheet
307Kb / 9P
DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

Similar Description - U74LV4052G-P16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A Datasheet
170Kb / 20P
DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A_08 Datasheet
945Kb / 24P
DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052 Datasheet
157Kb / 12P
Dual 4-channel Analog Multiplexers/Demultiplexers
logo
Maxim Integrated Produc...
MAX14752 MAXIM-MAX14752 Datasheet
174Kb / 15P
8-Channel/Dual 4-Channel 72V Analog Multiplexers
Rev 2; 2/09
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_10 Datasheet
673Kb / 22P
DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A_101 TI-SN54LV4052A_101 Datasheet
803Kb / 24P
DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Maxim Integrated Produc...
MAX14752 MAXIM-MAX14752_10 Datasheet
200Kb / 15P
8-Channel/Dual 4-Channel 72V Analog Multiplexers
Rev 3; 7/10
logo
Texas Instruments
SN74LV4052A-Q1 TI1-SN74LV4052A-Q1 Datasheet
805Kb / 18P
DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Unisonic Technologies
U74LV4052 UTC-U74LV4052_15 Datasheet
307Kb / 9P
DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com