Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS51033 Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

Part # CS51033
Description  Fast PFET Buck Controller Does Not Require Compensation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51033 Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

  CS51033 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS51033 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51033 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51033 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51033 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51033 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51033 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51033 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
to rise slowly and finally it controls the Hiccup short circuit
protection circuitry. This function reduces the PFET's duty
cycle to 2% of the CS period.
The most important consideration in calculating CS is that
it’s voltage does not reach 2.5V (the voltage at which the
fault detect circuitry is enabled) before VFB reaches 1.15V
otherwise the power supply will never start.
If the VFB pin reaches 1.15V the fault timing comparator will
discharge CS and the supply will not start. For the VFB volt-
age to reach 1.15V the output voltage must be at least 4 ×
1.15 = 4.6V.
If we choose an arbitrary startup time of 200µs we calculate
the value of CS from:
T =
CS(min) =
= 0.02µF
Use 0.1µf.
The fault time out time is the sum of the slow discharge
time the fast discharge time and the recharge time and is
obviously dominated by the slow discharge time.
The first parameter is the slow discharge time, it is the time
for the CS capacitor to discharge from 2.4V to 1.5V and is
given by:
TSLOWDISCHARGE =
Where IDISCHARGE is 6µA typical.
TSLOWDISCHARGE = CS × 1.5V × 105
The fast discharge time occurs when a fault is first detected.
The CS capacitor is discharged from 2.5V to 2.4V.
TFASTDISCHARGE =
Where IFASTDISCHARGE is 66µA typical.
TFASTDISCHARGE = CS × 1515
The recharge time is the time for CS to charge from 1.5V to
2.5V.
TCHARGE =
Where ICHARGE is 264µA typical.
TCHARGE = CS × 3787
The fault time out time is given by:
TFAULT = CS × (3787 + 1515 + 1.5 × 105)
TFAULT = CS × 1.55 × 105
For this circuit
TFAULT = 0.1 × 10-6 × 1.55 × 105 = 0.0155
A larger value of CS will increase the fault time out time but
will also increase the soft start time.
8) Input Capacitor.
The input capacitor reduces the peak currents drawn from
the input supply and reduces the noise and ripple voltage
on the VCC and VC pins. This capacitor must also ensure
that the VCC remains above the UVLO voltage in the event
of an output short circuit. CIN should be a low ESR capacitor
of at least 100µf. A ceramic surface mount capacitor should
also be connected between VCC and ground to prevent
spikes.
9) MOSFET Selection
The CS51033 drive a P-channel MOSFET. The VGATE pin
swings from Gnd to VC. The type of PFET used depends on
the operating conditions but for input voltages below 7V a
logic level FET should be used.
Choose a PFET with a continuous drain current (Id) rating
greater than the maximum output current. RDS(on) should be
less than
RDS < =
167mΩ
The Gate-to-Source voltage VGS and the Drain-to Source
Breakdown Voltage should be chosen based on the input
supply voltage.
The power dissipation due to the conduction losses is given
by:
PD = OUT2 × RDS(on) × D
The power dissipation due to the switching losses is given
by:
PD = 0.5 × VIN × IOUT × (TRr + TF) × FSW
Where tr =Rise Time and tf= Fall Time.
10) Diode Selection.
The flyback or catch diode should be a Schottky diode
because of it’s fast switching ability and low forward volt-
age drop. The current rating must be at least equal to the
maximum output current. The breakdown voltage should
be at least 20V for this 12V application.
The diode power dissipation is given by:
PD = IOUT × VD × (1-DMIN)
0.6V
IOUT(max)
CS × (2.5V-1.5V)
ΙCHARGE
CS × (2.5V - 2.4V)
ΙFASTDISCHARGE
CS × (2.4V-1.5V)
ΙDISCHARGE
200µs × 264µA
2.5V
CS × 2.5V
ICHARGE
Applications Information: continued



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com