Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3N65L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 3N65L-TN3-R
Description  3A, 650V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N65L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  3N65L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 3N65L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 3N65L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 3N65L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 3N65L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 3N65L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 3N65L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 3N65L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-590.B
ABSOLUTE MAXIMUM RATINGS (TC = 25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
3.0
A
Continuous Drain Current
ID
3.0
A
Pulsed Drain Current (Note 2)
IDM
12
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
200
mJ
Repetitive (Note 2)
EAR
7.5
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
TO-220
PD
75
W
TO-220F/TO-220F1
34
TO-251/TO-252
50
Junction Temperature
TJ
+150
Operating Temperature
TOPR
-55 ~ +150
Storage Temperature
TSTG
-55 ~ +150
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L = 64mH, IAS = 2.4A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
4. ISD ≤ 3.0A, di/dt ≤200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
TO-220/TO-220F/TO-220F1
θJA
62.5
°C/W
TO-251/TO-252
110
Junction to Case
TO-220
θJC
1.67
°C/W
TO-220F/TO-220F1
3.68
TO-251/TO-252
2.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com