Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD2378L-K08-5060-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BD2378L-K08-5060-R
Description  COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BD2378L-K08-5060-R Datasheet(HTML) 3 Page - Unisonic Technologies

  BD2378L-K08-5060-R Datasheet HTML 1Page - Unisonic Technologies BD2378L-K08-5060-R Datasheet HTML 2Page - Unisonic Technologies BD2378L-K08-5060-R Datasheet HTML 3Page - Unisonic Technologies BD2378L-K08-5060-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BD2378
Preliminary
DUAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R230-001. a
ABSOLUTE MAXIMUM RATINGS (T
A=25
°C, unless otherwise specified.)
TR1
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5
V
Continuous Collector Current
IC
2
A
Collector Dissipation
PC
1.25
W
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-55~150
°C
TR2
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-80
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-2
A
Collector Power Dissipation
Pc
1.25
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25
°C, unless otherwise specified.)
TR1
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=1mA, IE=0
100
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=100mA, IB=0
80
V
Emitter-Base Breakdown Voltage
BVEBO
IE=1mA, IC=0
5
V
Collector Cut-Off Current
ICBO
VCB=100V, IE=0
100
µA
Emitter Cut-Off Current
IEBO
VEB=5V, IC=0
1
mA
Collector-Emitter Saturation Voltage
VCE(sat)
IC=1A, IB=100mA
0.6
V
DC Current Gain
hFE (1)
IC=150mA,VCE=2V
40
hFE (2)
IC=1A,VCE=2V
25
Transition Frequency
fT
IC=250mA, VCE=10V, f=10MHz
3
MHz
TR2
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-1mA, IE=0
-100
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-100mA, IB=0
-80
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IC=-1mA, IE=0
-5
V
Collector Cut-Off Current
ICBO
VCB=-100V, IE=0
-100
µA
Emitter Cut-Off Current
IEBO
VEB=-5V, IC=0
-1
mA
DC Current Gain
hFE(1)
VCE=-2V, IC=-150mA
40
hFE(2)
VCE=-2V, IC=-1A
25
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-1A, IB=-100mA
-0.6
V
Transition Frequency
fT
VCE=-10V, IC=-250mA,
f=10MHz
3
MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com