Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMA4733A Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # SMA4733A
Description  SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMA4733A Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  SMA4733A Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMA4733A Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMA4733A Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMA4733A Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMA4733A Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Surface Mount Zener Diodes
Revision November 21, 2013
3 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMA4728A - SZ1330A Series
VZ: 3.3 To 330 V
PD: 1 W
SOCAY Electronics Co., Ltd.
www.socay.com
Nominal Zener
Voltage
Maximum Zener Impedance
Maximum
Reverse Leakage
Current
Maximum
DC Zener
Current
Maximum
Surge
Current
VZ @IZT
IZT
ZZT @IZT
ZZK @IZK
IZK
IR @VR
IZM
IRM
Part Number
Marking
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
μA)
(V)
(mA)
(mApk)
SZ1110A
11Z
110.0
2.3
450.0
4000
0.25
0.1
83.6
8.6
40
SZ1120A
12Z
120.0
2.0
550.0
4500
0.25
0.1
91.2
7.8
37
SZ1130A
13Z
130.0
1.9
700.0
5000
0.25
0.1
98.8
7.0
34
SZ1150A
15Z
150.0
1.7
1000.0
6000
0.25
0.1
114.0
6.4
30
SZ1160A
16Z
160.0
1.6
1100.0
6500
0.25
0.1
121.6
5.8
28
SZ1180A
18Z
180.0
1.4
1200.0
7000
0.25
0.1
136.8
5.2
25
SZ1200A
20Z
200.0
1.2
1900.0
9990
0.25
0.1
152.0
4.7
22
SZ1220A
22Z
220.0
1.0
1600.0
8000
0.25
0.1
167.2
4.0
20
SZ1240A
24Z
240.0
0.9
1800.0
8500
0.25
0.1
182.4
3.8
19
SZ1250A
25Z
250.0
0.9
2000.0
9000
0.25
0.1
190.0
3.6
18
SZ1270A
27Z
270.0
0.8
2100.0
9000
0.25
0.1
205.0
3.3
16
SZ1300A
30Z
300.0
0.8
2300.0
9500
0.25
0.1
228.0
3.0
15
SZ1330A
33Z
330.0
0.7
2500.0
9500
0.25
0.1
250.2
2.7
13
Note:
(1) The type number listed have a standard tolerance on the nominal zener voltage of
± 5 %
(2) The reverse surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com