Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5253-1GDPR5 Datasheet(PDF) 8 Page - Cherry Semiconductor Corporation

Part # CS5253-1GDPR5
Description  3A LDO 5-Pin Adjustable Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5253-1GDPR5 Datasheet(HTML) 8 Page - Cherry Semiconductor Corporation

  CS5253-1GDPR5 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5253-1GDPR5 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Application Notes: continued
A rule of thumb useful in determining if a protection diode
is required is to solve for current:
I =
,
where
I
is the current flow out of the load capacitance
when VCONTROL is shorted,
C
is the value of load capacitance
V
is the output voltage, and
T
is the time duration required for VCONTROL
to transition from high to being shorted.
If the calculated current is greater than or equal to the typi-
cal short circuit current value provided in the specifica-
tions, serious thought should be given to the use of a pro-
tection diode.
Current Limit
The internal current limit circuit limits the output current
under excessive load conditions.
Short Circuit Protection
The device includes short circuit protection circuitry that
clamps the output current at approximately 500mA less
than its current limit value. This provides for a current
foldback function, which reduces power dissipation under
a direct shorted load.
Thermal Shutdown
The thermal shutdown circuitry is guaranteed by design to
activate above a die junction temperature of approximately
150¡C and to shut down the regulator output. This circuit-
ry has 25¡C of typical hysteresis, thereby allowing the reg-
ulator to recover from a thermal fault automatically.
Calculating Power Dissipation and Heat Sink
Requirements
High power regulators such as the CS5253-1 usually oper-
ate at high junction temperatures. Therefore, it is impor-
tant to calculate the power dissipation and junction tem-
peratures accurately to ensure that an adequate heat sink is
used. Since the package tab is connected to VOUT on the
CS5253-1, electrical isolation may be required for some
applications. Also, as with all high power packages, ther-
mal compound in necessary to ensure proper heat flow.
For added safety, this high current LDO includes an inter-
nal thermal shutdown circuit
The thermal characteristics of an IC depend on the follow-
ing four factors: junction temperature, ambient tempera-
ture, die power dissipation, and the thermal resistance
from the die junction to ambient air. The maximum junc-
tion temperature can be determined by:
TJ(max) = TA(max) + PD(max) ´ RQJA
The maximum ambient temperature and the power dissi-
pation are determined by the design while the maximum
junction temperature and the thermal resistance depend on
the manufacturer and the package type. The maximum
power dissipation for a regulator is:
PD(max) = (VIN(max) -VOUT(min))IOUT(max) + VIN(max) ´ IIN(max)
A heat sink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air. Each material in the heat flow
path between the IC and the outside environment has a
thermal resistance which is measured in degrees per watt.
Like series electrical resistances, these thermal resistances
are summed to determine the total thermal resistance
between the die junction and the surrounding air, RQJA.
This total thermal resistance is comprised of three compo-
nents. These resistive terms are measured from junction to
case (RQJC), case to heat sink (RQCS), and heat sink to ambi-
ent air (RQSA). The equation is:
RQJA = RQJC + RQCS + RQSA
The value for RQJC is 2.5ûC/watt for the CS5253-1 in the D
2
PAK package. For a high current regulator such as the
CS5253-1 the majority of heat is generated in the power
transistor section. The value for RQSA depends on the heat
sink type, while the RQCS depends on factors such as pack-
age type, heat sink interface (is an insulator and thermal
grease used?), and the contact area between the heat sink
and the package. Once these calculations are complete, the
maximum permissible value of RQJA can be calculated and
the proper heat sink selected. For further discussion on
heat sink selection, see our Cherry application note
ÒThermal Management for Linear Regulators.Ó
C
´ V
T



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com