Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS8191 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8191
Description  Precision Air-Core Tach/Speedo Driver with Short Circuit Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8191 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8191 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8191 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8191 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8191 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8191 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8191 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8191 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8191 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
SINE-
SINE+
Gnd
VREG
F/VOUT
SINE
Output
COS
Output
VREG
7.0V
VCC
COS-
COS+
Gnd
Gnd
FREQIN
SQOUT
CP+
Input
Comp.
Gnd
CP-
Voltage
Regulator
Function
Generator
+
Ð
+
Ð
High Voltage, Short
Circuit Protection
BIAS
Charge Pump
s
Direct Sensor Input
s
High Output Torque
s
Wide Output Voltage
Range
s
High Impedance Inputs
s
Accurate down to 10V VCC
s
Fault Protection
Overvoltage
Short Circuit
s
Low Voltage Operation
Package Options
16 Lead PDIP
(internally fused leads)
Precision Air-Core Tach/Speedo Driver
with Short Circuit Protection
1
CP+
2
3
4
5
6
7
8
SQOUT
FREQIN
Gnd
Gnd
COS+
COS-
VCC
16
15
14
13
12
11
10
9
CP-
F/VOUT
VREG
Gnd
Gnd
SINE+
SINE-
BIAS
20 Lead SOIC
(internally fused leads)
1
CP+
2
3
4
5
6
7
8
SQOUT
FREQIN
NC
Gnd
Gnd
NC
COS+
16
15
14
13
12
11
10
CP-
F/VOUT
VREG
NC
Gnd
Gnd
NC
SIN+
9
COS-
SIN-
17
18
VCC
BIAS
19
20
Description
Block Diagram
Absolute Maximum Ratings
The CS8191 is specifically designed
for use with 4 quadrant air-core
meter movements. The IC includes
an input comparator for sensing
input frequency such as vehicle
speed or engine RPM, a charge
pump for frequency to voltage con-
version, a bandgap reference for
stable operation and a function
generator with sine and cosine
amplifiers that differentially drive
the motor coils.
The CS8191 has a higher torque
output and better output signal
symmetry than other competitive
parts (CS289, and LM1819). It is
protected against short circuit and
overvoltage (60V) fault conditions.
Enhanced circuitry permits func-
tional operation down to 8V.
CS8191
Supply Voltage
( ² 100ms pulse transient) ...........................................VCC = 60V
(continuous) ..................................................................VCC = 24V
Operating Temperature Range ........................................................-40¡C to +105¡C
Junction Temperature Range ...........................................................-40¡C to +150¡C
Storage Temperature Range.............................................................-55¡C to +165¡C
Electrostatic Discharge (Human Body Model) ...................................................4kV
Lead Temperature Soldering
Wave Solder (through hole styles only)..................10 sec. max, 260¡C peak
Reflow (SMD styles only)...................60 sec. max above 183¡C, 230¡C peak
Rev 3/9/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨


Similar Part No. - CS8191

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8191XDWF20 ONSEMI-CS8191XDWF20 Datasheet
102Kb / 12P
Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8191XDWFR20 ONSEMI-CS8191XDWFR20 Datasheet
102Kb / 12P
Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8191XNF16 ONSEMI-CS8191XNF16 Datasheet
102Kb / 12P
Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
More results

Similar Description - CS8191

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS4101 CHERRY-CS4101 Datasheet
168Kb / 8P
Precision Air-Core Tach/Speedo Driver with Separate Function Generator Input
Rev 11/20/98
CS8190 CHERRY-CS8190 Datasheet
187Kb / 8P
Precision Air-Core Tach/Speedo Driver with Return to Zero
logo
ON Semiconductor
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS4121 ONSEMI-CS4121 Datasheet
99Kb / 12P
Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
logo
IK Semicon Co., Ltd
IL8190N IKSEMICON-IL8190N Datasheet
445Kb / 11P
Precision Air-Core Tach/Speedo Driver with Return to Zero
logo
ON Semiconductor
CS4121EDWFR20G ONSEMI-CS4121EDWFR20G Datasheet
94Kb / 12P
Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
CS8190 ONSEMI-CS8190_12 Datasheet
165Kb / 11P
Precision Air-Core Tach/Speedo Driver
January, 2012 ??Rev. 7
CS8190 ONSEMI-CS8190_17 Datasheet
126Kb / 12P
Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com