Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS8240 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS8240
Description  500mA High Side (PNP) Driver with On-Chip Flyback Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8240 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS8240 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8240 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8240 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8240 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8240 Datasheet HTML 5Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Part Number
Description
CS8240YTFVA5
5 Lead Overmolded TO-220
Vertical
5
Thermal Data
5 Lead TO-220 (Overmolded)
RQJC
typ
4.0
ûC/W
RQJA
typ
50
ûC/W
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
Ordering Information
PACKAGE THERMAL DATA
Rev. 1/27/98
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the
right to make changes to the specifications without
notice. Please contact Cherry Semiconductor
Corporation for the latest available information.
5 Lead Overmolded TO-220 (TFVA) Vertical
10.3 (.405)
10.0 (.395)
.761 (.030)
.508 (.020)
15.6 (.614)
15.3 (.604)
3.17 (.125)
2.92 (.115)
7.18 (.283)
6.94 (.273)
3.30 (.130)
2.89 (.114)
10.4 (.409)
.94 (.037)
.69 (.027)
1.70 (.067)
6.80 (.268)
1.68 (.066) TYP
3.30 (.130)
3.05 (.120)
DIA
2.79 (.110)
2.54 (.100)
4.70 (.185)
4.44 (.175)
5.89 (.232)
3.10 (.122)
.56 (.022)
.36 (.014)
4.01
(.158)
8.05 (.317)
Note:
Leads maintain
a right angle
with respect to
the package
body to within
± .015².
3.18 (.125)
2.92 (.115)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com