Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC0805ML080M Datasheet(PDF) 7 Page - Socay Electornics Co., Ltd.

Part # SC0805ML080M
Description  Surface Mount Multilayer Varistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC0805ML080M Datasheet(HTML) 7 Page - Socay Electornics Co., Ltd.

  SC0805ML080M Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC0805ML080M Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC0805ML080M Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC0805ML080M Datasheet HTML 4Page - Socay Electornics Co., Ltd. SC0805ML080M Datasheet HTML 5Page - Socay Electornics Co., Ltd. SC0805ML080M Datasheet HTML 6Page - Socay Electornics Co., Ltd. SC0805ML080M Datasheet HTML 7Page - Socay Electornics Co., Ltd. SC0805ML080M Datasheet HTML 8Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Surface Mount Multilayer Varistor
Revision November 28, 2013
7 / 8
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC0805ML - SC2220ML Series
SOCAY Electronics Co., Ltd.
www.socay.com
IEC61000-4-5 Standards
SEVERITY LEVEL
T1
T2
1
8
μs
20
μs
2
10
μs
1000
μs
Wave shape
“Short Circuit” (Current Isc)
IEC 61000-4-2 Compliant ESD Current Pulse Waveform
Characteristic
Test method and description
High Temperature Storage
The specimen shall be subjected to125
±2℃ for 1000±2 hours in a thermostatic bath without load
and then stored at room temperature and humidity for 1 to 2 hours. The change of varistor voltage
shall be within 10%.
Step
Temperture
Period
1
-40
±3℃
30min
±3
2
Room Temperature
1~2hours
3
125
±2℃
30min
±3
Temperature Cycle
The temperature cycle of specified temperature shall
be repeated five times and then stored at room
temperature and humidity for one two hours. The
change of varistor voltage shall be within 10% and
mechanical damage shall be examined.
4
Room Temperature
1~2hours
High Temperature Load
After being continuously applied the maximum allowable voltage at 85
for
℃
1000hours, the
specimen shall be stored at room temperature and humidity for one or hours, the change of varistor
voltage shall be within 10%.
Damp Heat Load/
Humidity Load
The specimen should be subjected to 40
,90 to 95%RH
℃
environment, and the maximum
allowable voltage applied for 1000 hours, then stored at room temperature and humidity for one or
two hours. The change of varistor voltage shall be within 10%.
Low Temperature Storage
The specimen should be subjected to -40℃, without load for 1000 hours and then stored at room
temperature for one two hours. The change of varistor voltage shall be within 10%.
Operating Temperature
-55~85
ºC
Storage Temperature
-55~150
ºC
Response Time
<1 ns
Solderability
245
±5
ºC, 3±1sec
Solder Leach Resistance
260
±5
ºC, 10±1sec
Surge Waveform
1.0
0.9
0.5
0.1
0.0
T1
T2
30% Max
T
I
Environmental & Reliability Testing
General Technical Data



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com