Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CL-CS3712 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CL-CS3712
Description  Integrated AVI/ATAPI DVD Drive Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-CS3712 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CL-CS3712 Datasheet HTML 16Page - Cirrus Logic CL-CS3712 Datasheet HTML 17Page - Cirrus Logic CL-CS3712 Datasheet HTML 18Page - Cirrus Logic CL-CS3712 Datasheet HTML 19Page - Cirrus Logic CL-CS3712 Datasheet HTML 20Page - Cirrus Logic CL-CS3712 Datasheet HTML 21Page - Cirrus Logic CL-CS3712 Datasheet HTML 22Page - Cirrus Logic CL-CS3712 Datasheet HTML 23Page - Cirrus Logic CL-CS3712 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Pinout Information
DS588PP1 - rev 0.4 April 11, 2002
C ONFIDENTIA L
Copyright
© 2002 Cirrus Logic Inc.
PRELIMINARY DRAFT
www.cirrus.com
16
Microcontroller
Interface
Signals
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
123
121
120
119
118
117
116
115
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Local Microcontroller Address And Data Bus
A7/ALE
134
I
Local Microcontroller Address Bus Bit 5 /
Address Latch Enable
A6
A5
A4
A3
A2
A1
A0
133
132
131
129
127
126
125
I
I
I
I
I
I
I
Local Microcontroller Address Bus
CS*
137
I
Chip Select*
RD*/DS
135
I
Read Strobe*/data Strobe
WR*/ R/W*
136
I
Write Strobe/ Read/write*
INT1
140
O-OD
Interrupt1
INT2
139
O-OD
Interrupt2
RST*
141
I
Reset*
Servo
Analog
Interface
Signals
SPIN_P
SPIN_N
158
157
I
I
Spin Transducer
DAC-TL
164
O
Tilt DAC
DAC-SL
165
O
Sled DAC
DAC-F
171
O
Focus DAC
DAC-T
170
O
Tracking DAC
ADC-AUX
169
I
Auxiliary ADC
PWM-SP
159
O
Spin PWM
EXTCR
108
I
External Track Counter Real And External Track Counter
Quadrature
EXTCQ
102
I
VREF2
167
O
Voltage Reference 2
Clock
Interface
Signals
MCLK1
146
I
Master Clock 1
MCLK2/XTALI
149
I
Master Clock 2 / Crystal Input
XTALO
150
O
Crystal Output
DMA33CLK
142
I
DMA33 Clock
CLK_OUT
145
O
Clock Output
uC_CLK
144
O
Microcontroller Clock
Table 3: CL-CS3712 Pin Map (Continued)
Type
Name
Pin(s)
I/O
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com