Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS4215 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4215
Description  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4215 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4215 Datasheet HTML 8Page - Cirrus Logic CS4215 Datasheet HTML 9Page - Cirrus Logic CS4215 Datasheet HTML 10Page - Cirrus Logic CS4215 Datasheet HTML 11Page - Cirrus Logic CS4215 Datasheet HTML 12Page - Cirrus Logic CS4215 Datasheet HTML 13Page - Cirrus Logic CS4215 Datasheet HTML 14Page - Cirrus Logic CS4215 Datasheet HTML 15Page - Cirrus Logic CS4215 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
Clock Generation
The master clock operating the CS4215 may be
generated using the on-chip crystal oscillators, or
by using an external clock source. In all data
modes SCLK and FSYNC must be synchronous
to the selected master clock.
If the master clock source stops, the digital fil-
ters will power down after 5
µs to prevent
overheating. If FSYNC stops, the digital filters
will power down after approximately 1 FSYNC
period. The CS4215 will not enter the total
power down state.
Internal Clock Generation
Two external crystals may be attached to the
XTL1IN, XTL1OUT, XTL2IN and XTL2OUT
pins. Use of an external crystal requires addi-
tional 40 pF loading capacitors to digital ground
(see Figure 1). XTAL1 oscillator is intended for
use at 24.576 MHz and XTAL2 oscillator is in-
tended for use at 16.9344 MHz, although other
frequencies may be used. The gain of the inter-
nal inverter is slightly higher for XTAL1,
ensuring proper operation at >24 MHz frequen-
cies. The crystals should be parallel resonant,
fundamental mode and designed for 20 pF load-
ing (equivalent to a 40 pF capacitor on each leg).
If XTAL1 or XTAL2 is not selected as the mas-
ter clock, that particular crystal oscillator is
powered down to minimize interference. If a
crystal is not needed, the XTL-IN pin should be
grounded. An example crystal supplier is CAL
Crystal, telephone number (714) 991-1580.
FSYNC and SCLK must be synchronous to the
master clock.
When using the codec in slave
mode with one of the crystals as master clock,
the controller must derive FSYNC and SCLK
from the crystals, i.e. via CLKOUT. Note that
CLKOUT will stop in a low condition within
two periods after D/C goes low.
An internally generated clock which is 256 times
th e sample rate (FSYN C rate) is output
(CLKOUT) for potential use with an external
AES/EBU transmitter, or another CS4215. No
glitch occurs on CLKOUT when selecting alter-
nate clock sources. CLKOUT will stop in a low
condition within two periods after D/C goes low,
assuming one of the crystal oscillators is se-
lected, or either CLKIN or SCLK is the master
clock source and is continuous. The duty cycle
of CLKOUT is 50% if the master clock is one of
the crystal oscillators and the DFR bits are 0, 1,
2, 6 or 7. If the DFR bits are 3 or 5, the duty
cycle is 33% (high time). If the DFR bits are 4
then CLKOUT has the timing shown in Figure 6.
If the master clock is SCLK or CLKIN, the duty
cycle of CLKOUT will be the same as the mas-
ter clock source.
External Clock
An external clock input pin (CLKIN) is provided
for potential use with an external AES/EBU re-
ceiver, or an already existing system clock.
When MCK2 = 0, the input clock must be ex-
actly 256 times the sample rate, and FSYNC and
SCLK must be synchronous to CLKIN. When
MCK2 = 1 the DFR bits allow various divide
ratios off the CLKIN frequency.
Alternatively, an external high frequency clock
may be driven into XTL1IN or XTL2IN. The
correct clock source must be selected using the
MCK bits. Manipulating DFR bits will allow
various divide ratios from the clock to be se-
1
2
13
1/(128 x FSYNC)
1/(128 x FSYNC)
1
2
13
Figure 6. CLKOUT duty cycle using the on-chip
crystal oscillator when DFR = 4
( typically FSYNC = 37.8 kHz)
CS4215
12
DS76F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com