Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P11S Datasheet(PDF) 13 Page - Vishay Siliconix

Part # P11S
Description  12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P11S Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button P11S Datasheet HTML 7Page - Vishay Siliconix P11S Datasheet HTML 8Page - Vishay Siliconix P11S Datasheet HTML 9Page - Vishay Siliconix P11S Datasheet HTML 10Page - Vishay Siliconix P11S Datasheet HTML 11Page - Vishay Siliconix P11S Datasheet HTML 12Page - Vishay Siliconix P11S Datasheet HTML 13Page - Vishay Siliconix P11S Datasheet HTML 14Page - Vishay Siliconix P11S Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
P11S, P11A
www.vishay.com
Vishay Sfernice
Revision: 20-Aug-13
13
Document Number: 51031
For technical questions, contact: sferpottrimmers@vishay.com, see also Application Note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
P11 OPTION: CENTER CURRENT TAP “J”
The extra terminal is a solder lug connected at 50 % of electrical
travel and siluated in the potentiometer module opposite the
terminals.
Center tap presents a short circuit of 11° of travel.
• Sealing IP60
ORDERING INFORMATION (First order only)
J
Center tap
P11 OPTION: SPECIAL LINEARITY - CONFORMITY
The independent linearity (conformity for the non-linear laws) is
the maximum gap
ΔV between the actual variation curve and
the theorical variation curve the nearest to it. The linearity and
the conformity are expressed in percentage of the total applied
voltage E
They are measured over 90 % of actual electrical travel
(centered).
On request linearity can be guaranteed in linear taper.
ORDERING INFORMATION (First order only)
J123
Independent linearity ± 3 % (linear law)
J145
Independent linearity ± 2 % (linear law)
For other request, contact us.
P11 OPTION: SPECIAL INTERLINEARITY - INTERCONFORMITY
It is the maximum deviation between the actual voltage outputs
of 2 or more pot modules in the same assembly. It is expressed
as a percentage of the total applied voltage, or in dB
attenuation.
Interlinearity is measured between 2 pot modules, over 20 to
90 % of the attenuation.
The interlinearity or interconformity is expressed as a
percentage of the total applied voltage:
Or in decibels by comparison between outputs V1 and V2
ORDERING INFORMATION (First order only)
J44
Interlinearity ± 2 % (linear taper)
For other request, contact us.
100 %
50 %
0 %
11°
J
V
E
V
Limits of
linearity test
Effective electrical travel
Degrees
linearity conformity
±
ΔV
max.
E
-----------------------
=
J123
V
E
C
V1
V2
Limits of test
Effective electrical travel
V1
V2
Degrees
I %
C
E
-------
=
I dB
20 log
V
1
V
2
------
=
J44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com