Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS4327 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4327
Description  Low Cost, 20-Bit, Stereo, Audio D/A Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4327 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4327 Datasheet HTML 1Page - Cirrus Logic CS4327 Datasheet HTML 2Page - Cirrus Logic CS4327 Datasheet HTML 3Page - Cirrus Logic CS4327 Datasheet HTML 4Page - Cirrus Logic CS4327 Datasheet HTML 5Page - Cirrus Logic CS4327 Datasheet HTML 6Page - Cirrus Logic CS4327 Datasheet HTML 7Page - Cirrus Logic CS4327 Datasheet HTML 8Page - Cirrus Logic CS4327 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
Copyright
© Cirrus Logic, Inc. 1997
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS4327
Low Cost, 20-Bit, Stereo, Audio D/A Converter
Features
l 20-Bit Conversion
l 108 dB Signal-to-Noise-Ratio (EIAJ)
l 100 dB Dynamic Range
l Single-Ended Outputs
l Complete Stereo DAC System
- 128X Interpolation Filter
- Delta-Sigma DAC
- Analog Post Filter
l Low Clock Jitter Sensitivity
l Filtered Line-Level Outputs
- Linear Phase Filtering
- Zero Phase Error Between Channels
l Digital De-emphasis for 32 kHz, 44.1 kHz &
48 kHz
Description
The CS4327 is a complete stereo digital-to-analog out-
put system. In addition to the traditional D/A function, the
CS4327 includes a digital interpolation filter followed by
an 128X oversampled delta-sigma modulator. The mod-
ulator output controls the reference voltage input to an
ultra-linear analog low-pass filter. This architecture al-
lows for infinite adjustment of sample rate between 1 and
50 kHz while maintaining linear phase response simply
by changing the master clock frequency.
The CS4327 also includes an extremely flexible serial
port utilizing mode select pins to support multiple inter-
face formats.
The master clock can be either 256, 384, or 512 times
the
input
sample
rate,
supporting
various
audio
environments.
ORDERING INFO
CS4327-KS
-10 to 70 °C
16-pin Plastic SSOP
CDB4327
CS4327 Evaluation Board
I
DIF0
DIF1
DEM0 DEM1
VA+
VD+
LRCK
SCLK
SDATA
AOUTL
MCLK
AGND
Serial Input
Interface
De-emphasis
Voltage Reference
Interpolator
Delta-Sigma
Modulator
DAC
Analog
Low-Pass
Filter
Interpolator
Delta-Sigma
Modulator
DAC
Analog
Low-Pass
Filter
AOUTR
DGND
AUTO_MUTE
7
9
10
15
11
1
2
3
6
14
13
4
8
5
12
CMFILT
16
DEC ‘97
DS190F1


Similar Part No. - CS4327

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
CS4320U035 HVPSI-CS4320U035 Datasheet
164Kb / 2P
Ultra-fast High Voltage Diodes
CS4320U035 HVPSI-CS4320U035 Datasheet
167Kb / 2P
Ultra-fast High Voltage Diodes
CS4324U030 HVPSI-CS4324U030 Datasheet
164Kb / 2P
Ultra-fast High Voltage Diodes
CS4324U030 HVPSI-CS4324U030 Datasheet
167Kb / 2P
Ultra-fast High Voltage Diodes
logo
Cirrus Logic
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
More results

Similar Description - CS4327

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
20-Bit, Stereo D/A Converter for Digital Audio
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
logo
List of Unclassifed Man...
ZN429E8 ETC-ZN429E8 Datasheet
195Kb / 7P
LOW COST 8-BIT D-A CONVERTER
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
24-Bit Stereo Audio D/A Converter
October 16, 2003
logo
Cirrus Logic
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
20-Bit, Stereo A/D Converter for Digital Audio
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
Low Cost 16-Bit Stereo Audio DAC
logo
Cirrus Logic
CS5501-AP CIRRUS-CS5501-AP Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
logo
Unisonic Technologies
M1725 UTC-M1725 Datasheet
221Kb / 10P
16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
M1725 UTC-M1725_15 Datasheet
221Kb / 10P
16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
logo
MOSA ELECTRONICS
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
Low Cost 16-Bit Stereo Audio DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com