Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

05D301KJ Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # 05D301KJ
Description  Radial Lead Varistor (MOV)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

05D301KJ Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  05D301KJ Datasheet HTML 1Page - Socay Electornics Co., Ltd. 05D301KJ Datasheet HTML 2Page - Socay Electornics Co., Ltd. 05D301KJ Datasheet HTML 3Page - Socay Electornics Co., Ltd. 05D301KJ Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Radial Lead Varistor (MOV)
Revision September 25, 2013
2 / 4
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
10D Series
SOCAY Electronics Co., Ltd.
www.socay.com
05D Series
Type Number
Maximum
Allowable
voltage
Varistor
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge
Current
Maximum
Energy
(10/1000
μs)
Rated
Power
Typical
Capacitance
(Reference)
I(A)
Standard
I(A)
High Surge
Standard
High
Surge
VAC
(V)
VDC
(V)
V1mA
(V)
IP
(A)
VC
(V)
1 Time
2 Times
1 Time
2 Times
(J)
Standard
(J)
High Surge
(W)
@1KHZ
(pf)
05D180K
05D180KJ
11
14
18(15~21.6)
1
40
100
50
250
125
0.4
0.6
0.01
1400
05D220K
05D220KJ
14
18
22(19.5~26)
1
48
100
50
250
125
0.5
0.7
0.01
1150
05D270K
05D270KJ
17
22
27(24~30)
1
60
100
50
250
125
0.6
0.9
0.01
930
05D330K
05D330KJ
20
26
33(29.5~36.5)
1
73
100
50
250
125
0.8
1.1
0.01
760
05D390K
05D390KJ
25
31
39(35~43)
1
80
100
50
250
125
0.9
1.2
0.01
640
05D470K
05D470KJ
30
38
47(42~54)
1
104
100
50
250
125
1.1
1.5
0.01
530
05D560K
05D560KJ
35
45
56(50~62)
1
123
100
50
250
125
1.3
1.8
0.01
450
05D680K
05D680KJ
40
56
68(61~75)
1
150
100
50
250
125
1.6
2.2
0.01
370
05D820K
05D820KJ
50
65
82(74~90)
5
145
400
200
800
600
2.5
4.0
0.1
300
05D101K
05D101KJ
60
85
100(90~110)
5
177
400
200
800
600
3.0
4.1
0.1
250
05D121K
05D121KJ
75
100
120(108~132)
5
210
400
200
800
600
4.0
4.9
0.1
210
05D151K
05D151KJ
95
125
150(135~165)
5
260
400
200
800
600
4.1
6.5
0.1
165
05D181K
05D181KJ
115
150
180(162~198)
5
320
400
200
800
600
4.9
7.5
0.1
140
05D201K
05D201KJ
130
170
200(180~220)
5
355
400
200
800
600
6.5
8.5
0.1
125
05D221K
05D221KJ
140
180
220(198~242)
5
380
400
200
800
600
7.5
9.0
0.1
110
05D241K
05D241KJ
150
200
240(216~264)
5
415
400
200
800
600
8.0
10.5
0.1
100
05D271K
05D271KJ
175
225
270(243~297)
5
475
400
200
800
600
8.5
11.0
0.1
95
05D301K
05D301KJ
190
250
300(270~330)
5
520
400
200
800
600
9.0
12.0
0.1
85
05D331K
05D331KJ
210
275
330(297~363)
5
570
400
200
800
600
9.5
13.0
0.1
75
05D361K
05D361KJ
230
300
360(324~396)
5
620
400
200
800
600
10.0
16.0
0.1
70
05D391K
05D391KJ
250
320
390(351~429)
5
675
400
200
800
600
12.0
17.0
0.1
65
05D431K
05D431KJ
275
350
430(387~473
5
745
400
200
800
600
13.0
20.0
0.1
60
05D471K
05D471KJ
300
335
470(423~517)
5
810
400
200
800
600
15.0
21.0
0.1
55
05D511K
05D511KJ
320
415
510(459~561)
5
845
400
200
800
600
16.0
22.5
0.1
50
05D561K
05D561KJ
350
460
560(504~616)
5
920
400
200
800
600
16.0
24.0
0.1
50
05D621K
05D621KJ
385
505
620(558~682)
5
1025
400
200
800
600
21.0
25.0
0.1
40
05D681K
05D681KJ
420
560
680(612~748)
5
1120
400
200
800
600
21.0
29.0
0.1
35
05D751K
05D751KJ
460
615
750(675~825)
5
1240
400
200
800
600
22.4
32.0
0.1
30
Remark: Voltage>33V, K is
±10%
Specifications
– General Characteristics (25±5ºC)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com