Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS4331 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS4331
Description  8 Pin Stereo D/A Converter for Digital Audio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4331 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS4331 Datasheet HTML 22Page - Cirrus Logic CS4331 Datasheet HTML 23Page - Cirrus Logic CS4331 Datasheet HTML 24Page - Cirrus Logic CS4331 Datasheet HTML 25Page - Cirrus Logic CS4331 Datasheet HTML 26Page - Cirrus Logic CS4331 Datasheet HTML 27Page - Cirrus Logic CS4331 Datasheet HTML 28Page - Cirrus Logic CS4331 Datasheet HTML 29Page - Cirrus Logic CS4331 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
JUMPER
PURPOSE
POSITION
FUNCTION SELECTED
CSLR/FCK
selects channel for
CS8412 channel status
information
L
See CS8412 data sheet for details
R
Clock
Select
Selects source of
system clocks and data
*8412
CS8412 clock/data source
EXT
External clock/data source
J22
J23
Selects MCLK as Input
or Output
*0
*1
See
Input/Output for Clocks and
Data section of text
M0
CS8412 mode select
*Low
See CS8412 data sheet
for details
M1
*High
M2
*High
M3
*Low
SCLK
Selects SCLK Mode
INT
Internal SCLK Mode
*EXT
External SCLK Mode
DEM_8412
Selects source of de-
emphasis control
*Low
CS8412 de-emphasis
High
De-emphasis input static high
* Default setting from factory
Table 2. CDB4330 Jumper Selectable Options
CONNECTOR
INPUT/OUTPUT
SIGNAL PRESENT
+5V
input
(VD+5V) for CS8412 and digital section
input
(VA+) for Analog output filter op-amp
(configured for +5V)
+3/+5V
input
(VD+3/+5V) for Voltage Level Converter
input
(VA+3/+5V) for CS4330/31/33
GND
input
ground connection from power supply
Digital Input
input
digital audio interface input via coax
Optical Input
input
digital audio interface input via optical
MCLK, SCLK,
LRCK
input/output
I/O for master, serial, and left/right clocks
SDATA
input/output
I/O for serial data
AOUTL
output
left channel analog output
AOUTR
output
right channel analog output
Table 1. System Connections
CDB4330, CDB4331, CDB4333
26
DS136DB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com