Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS4360-BS Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4360-BS
Description  24-Bit, 192 kHz 6 Channel D/A Converter?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360-BS Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4360-BS Datasheet HTML 12Page - Cirrus Logic CS4360-BS Datasheet HTML 13Page - Cirrus Logic CS4360-BS Datasheet HTML 14Page - Cirrus Logic CS4360-BS Datasheet HTML 15Page - Cirrus Logic CS4360-BS Datasheet HTML 16Page - Cirrus Logic CS4360-BS Datasheet HTML 17Page - Cirrus Logic CS4360-BS Datasheet HTML 18Page - Cirrus Logic CS4360-BS Datasheet HTML 19Page - Cirrus Logic CS4360-BS Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
CS4360
16
DS517PP1
4.3.1
ATAPI CHANNEL MIXING AND MUTING (ATAPI)
Default = 1001 - AOUTAx = L, AOUTBx = R (Stereo)
Function:
The CS4360 implements the channel mixing functions of the ATAPI CD-ROM specification. Refer to
Table 2 and Figure 24 for additional information.
Note:
All mixing functions occur prior to the digital volume control. Mixing only occurs in channel pairs.
4.4
Volume Control (addresses 06h - 0Bh)
4.4.1
MUTE (MUTE)
Default = 0
0 - Disabled
1 - Enabled
Function:
The Digital-to-Analog converter output will mute when enabled. The quiescent voltage on the output
will be retained. The muting function is effected, similar to attenuation changes, by the Soft and Zero
Cross bits. The MUTEC pin will go active during the mute period if the Mute function is enabled for
both channels in the pair.
ATAPI3
ATAPI2
ATAPI1
ATAPI0
AOUTAx
AOUTBx
0000
MUTE
MUTE
0001
MUTE
R
0010
MUTE
L
0011
MUTE
[(L+R)/2]
0100
R
MUTE
0101
R
R
0110
R
L
0111
R
[(L+R)/2]
1000
L
MUTE
1001
L
R
1010
L
L
1011
L
[(L+R)/2]
1100
[(L+R)/2]
MUTE
1101
[(L+R)/2]
R
1110
[(L+R)/2]
L
1111
[(L+R)/2]
[(L+R)/2]
Table 2. ATAPI Decode
765
4321
0
xx_MUTE
xx_VOL6
xx_VOL5
xx_VOL4
xx_VOL3
xx_VOL2
xx_VOL1
xx_VOL0
000
0100
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com