Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC6022IM/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6022IM/NOPB
Description  LMC6022 Low Power CMOS Dual Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6022IM/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMC6022IM/NOPB Datasheet HTML 3Page - Texas Instruments LMC6022IM/NOPB Datasheet HTML 4Page - Texas Instruments LMC6022IM/NOPB Datasheet HTML 5Page - Texas Instruments LMC6022IM/NOPB Datasheet HTML 6Page - Texas Instruments LMC6022IM/NOPB Datasheet HTML 7Page - Texas Instruments LMC6022IM/NOPB Datasheet HTML 8Page - Texas Instruments LMC6022IM/NOPB Datasheet HTML 9Page - Texas Instruments LMC6022IM/NOPB Datasheet HTML 10Page - Texas Instruments LMC6022IM/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LMC6022
www.ti.com
SNOS622D – NOVEMBER 1994 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VS = ±7.5V, TA = 25°C unless otherwise specified
Gain and Phase Responses
Gain and Phase Responses
vs. Load Capacitance
vs. Temperature
Figure 15.
Figure 16.
Gain Error (VOS
Non-Inverting Slew Rate
vs. VOUT)
vs. Temperature
Figure 17.
Figure 18.
Inverting Slew Rate
Large-Signal Pulse Non-Inverting Response
vs. Temperature
(AV = +1)
Figure 19.
Figure 20.
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMC6022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com