Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS4360-BZ Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4360-BZ
Description  24-Bit, 192 kHz 6 Channel D/A Converter?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360-BZ Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4360-BZ Datasheet HTML 17Page - Cirrus Logic CS4360-BZ Datasheet HTML 18Page - Cirrus Logic CS4360-BZ Datasheet HTML 19Page - Cirrus Logic CS4360-BZ Datasheet HTML 20Page - Cirrus Logic CS4360-BZ Datasheet HTML 21Page - Cirrus Logic CS4360-BZ Datasheet HTML 22Page - Cirrus Logic CS4360-BZ Datasheet HTML 23Page - Cirrus Logic CS4360-BZ Datasheet HTML 24Page - Cirrus Logic CS4360-BZ Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
CS4360
DS517PP1
21
VQ
17
Quiescent Voltage (
Output) - Filter connection for internal quiescent voltage. VQ must be capacitively
coupled to analog ground, as shown in the Typical Connection Diagram. The nominal voltage level is
specified in the Analog Characteristics and Specifications section. VQ presents an appreciable source
impedance and any current drawn from this pin will alter device performance. However, VQ can be used
to bias the analog circuitry assuming there is no AC signal component and the DC current is less than
the maximum specified in the Analog Characteristics and Specifications section.
VA
22
Analog Power (
Input) - Positive power supply for the analog section. Refer to the Recommended Oper-
ating Conditions for appropriate voltages.
AOUTA1
AOUTB1
AOUTA2
AOUTB2
AOUTA3
AOUTB3
19
20
23
24
26
27
Analog Outputs (
Output) - The full scale analog line output level is specified in the Analog Characteris-
tics specifications table.
MUTEC1
MUTEC2
MUTEC3
18
25
28
Mute Control (
Output) - The Mute Control pin goes high during power-up initialization, reset, muting,
power-down or if the master clock to left/right clock frequency ratio is incorrect. This pin is intended to be
used as a control for an external mute circuit to prevent the clicks and pops that can occur in any single
supply system. The use of an external mute circuit is not mandatory but may be desired for designs
requiring the absolute minimum in extraneous clicks and pops.
Control Port
Definitions
SCL/CCLK
11
Serial Control Port Clock (
Input) - Serial clock for the serial control port. Requires an external pull-up
resistor to the logic interface voltage in Two-Wire mode as shown in the Typical Connection Diagram.
SDA/CDIN
12
Serial Control Data (
Input/Output) - SDA is a data I/O line in Two-Wire format and requires an external
pull-up resistor to the logic interface voltage, as shown in the Typical Connection Diagram. CDIN is the
input data line for the control port interface in SPI format.
AD0/CS
13
Address Bit 0 (Two-Wire) / Control Port Chip Select (SPI) (
Input/Output) - AD0 is a chip address pin
Two-Wire format; CS is the chip select signal for SPI format.
Stand-Alone
Definitions
DIF1
DIF0
11
12
Digital Interface Format (
Input) - The required relationship between the Left/Right clock, serial clock
and serial data is defined by the Digital Interface Format selection. Refer to Table 4.
M1
M2
13
15
Mode Selection (
Input) - Determines the operational mode of the device as detailed in Table 5.
DIF1
DIF0
DESCRIPTION
0
0
Left Justified, up to 24-bit data
01
I2S, up to 24-bit data
1
0
Right Justified, 16-bit data
1
1
Right Justified, 24-bit data
Table 4. Digital Interface Formats - Stand Alone Mode
M2
M1
MODE
0
0
Single-Speed without de-emphasis (4 to 50 kHz sample rates)
0
1
Single-Speed with de-emphasis (32 to 48 kHz sample rates)
1
0
Double-Speed (50 to 100 kHz sample rates)
1
1
Quad-Speed (100 to 200 kHz sample rates)
Table 5. Mode Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com