Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LDK120C35R Datasheet(PDF) 17 Page - STMicroelectronics

Part # LDK120C35R
Description  200 mA low quiescent current very low noise LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK120C35R Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LDK120C35R Datasheet HTML 13Page - STMicroelectronics LDK120C35R Datasheet HTML 14Page - STMicroelectronics LDK120C35R Datasheet HTML 15Page - STMicroelectronics LDK120C35R Datasheet HTML 16Page - STMicroelectronics LDK120C35R Datasheet HTML 17Page - STMicroelectronics LDK120C35R Datasheet HTML 18Page - STMicroelectronics LDK120C35R Datasheet HTML 19Page - STMicroelectronics LDK120C35R Datasheet HTML 20Page - STMicroelectronics LDK120C35R Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
DocID023965 Rev 4
17/24
LDK120
Package mechanical data
Figure 38. DFN6L footprint (dimensions in mm)
Table 7. DFN6L (1.2 x 1.3 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.41
0.45
0.50
A1
0.00
0.02
0.05
D-
1.20
-
E-
1.30
-
e-
0.40
-
b
0.15
0.18
0.25
L
0.475
0.525
0.575
L3
0.375
0.425
0.475
aaa
-
0.05
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com