Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS43L43 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS43L43
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L43 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS43L43 Datasheet HTML 20Page - Cirrus Logic CS43L43 Datasheet HTML 21Page - Cirrus Logic CS43L43 Datasheet HTML 22Page - Cirrus Logic CS43L43 Datasheet HTML 23Page - Cirrus Logic CS43L43 Datasheet HTML 24Page - Cirrus Logic CS43L43 Datasheet HTML 25Page - Cirrus Logic CS43L43 Datasheet HTML 26Page - Cirrus Logic CS43L43 Datasheet HTML 27Page - Cirrus Logic CS43L43 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
CS43L43
24
DS479PP3
5.11 MODE CONTROL 2 (ADDRESS 0BH)
5.11.1 MASTER CLOCK DIVIDE ENABLE (MCLKDIV) BIT 7
Default = 0
0 - Disabled
1 - Enabled
Function:
The MCLKDIV bit enables a circuit which divides the externally applied MCLK signal by 2 prior to all other
internal circuitry.
NOTE: Internal SCLK is not available when this function is enabled.
5.11.2 DIGITAL INTERFACE FORMAT (DIF) BIT 0-2
Default = 000 - Format 0 (I2S, up to 24-bit data, 64 x Fs Internal SLCK)
Function:
The required relationship between the Left/Right clock, serial clock and serial data is defined by the Digital
Interface Format and the options are detailed in Figures 2-4.
NOTE: Internal SCLK is not available when MCLKDIV is enabled.
7
654
32
10
MCLKDIV
RESERVED
RESERVED
RESERVED
RESERVED
DIF2
DIF1
DIF0
0
000
00
00
DIF2
DIF1
DIF0
DESCRIPTION
Format
FIGURE
000
I2S, up to 24-bit data, 64 x Fs Internal SLCK
0
2
001
I2S, up to 16-bit data, 32 x Fs Internal SLCK
1
2
0
1
0
Left Justified, up to 24-bit data,
2
3
0
1
1
Right Justified, 24-bit data
3
4
1
0
0
Right Justified, 20-bit data
4
4
1
0
1
Right Justified, 16-bit data
5
4
1
1
0
Right Justified, 18-bit data
6
4
1
1
1
Identical to Format 1
1
2
Table 14. Digital Interface Format - Control Port Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com