Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25DF161 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AT25DF161_13 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Features
Single 2.3V - 3.6V or 2.7V - 3.6V Supply
Serial Peripheral Interface (SPI) Compatible
– Supports SPI Modes 0 and 3
– Supports RapidS Operation
– Supports Dual-Input Program and Dual-Output Read
Very High Operating Frequencies
– 100MHz for RapidS
– 85MHz for SPI
– Clock-to-Output (tV) of 5ns Maximum
Flexible, Optimized Erase Architecture for Code + Data Storage Applications
– Uniform 4-Kbyte Block Erase
– Uniform 32-Kbyte Block Erase
– Uniform 64-Kbyte Block Erase
– Full Chip Erase
Individual Sector Protection with Global Protect/Unprotect Feature
– 32 Sectors of 64-Kbytes Each
Hardware Controlled Locking of Protected Sectors via WP Pin
Sector Lockdown
– Make Any Combination of 64-Kbyte Sectors Permanently Read-Only
128-Byte Programmable OTP Security Register
Flexible Programming
– Byte/Page Program (1- to 256-Bytes)
Fast Program and Erase Times
– 1.0ms Typical Page Program (256-Bytes) Time
– 50ms Typical 4-Kbyte Block Erase Time
– 250ms Typical 32-Kbyte Block Erase Time
– 400ms Typical 64-Kbyte Block Erase Time
Program and Erase Suspend/Resume
Automatic Checking and Reporting of Erase/Program Failures
Software Controlled Reset
JEDEC Standard Manufacturer and Device ID Read Methodology
Low Power Dissipation
– 5mA Active Read Current (Typical at 20MHz)
– 5µA Deep Power-Down Current (Typical)
Endurance: 100,000 Program/Erase Cycles
Data Retention: 20 Years
Complies with Full Industrial Temperature Range
Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
– 8-lead SOIC (150-mil and 208-mil wide)
– 8-pad Ultra Thin DFN (5 x 6 x 0.6mm)
16-Megabit
2.3V or 2.7V
Minimum
SPI Serial Flash
Memory
AT25DF161
3687H–DFLASH–5/2013
(Not Recommended
for New Designs)


Similar Part No. - AT25DF161_13

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF161-MH-T ATMEL-AT25DF161-MH-T Datasheet
1Mb / 60P
16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF161-MH-Y ATMEL-AT25DF161-MH-Y Datasheet
1Mb / 60P
16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF161-SH ATMEL-AT25DF161-SH Datasheet
348Kb / 15P
One mechanical button switch Three LEDs Four expansion headers
AT25DF161-SH ATMEL-AT25DF161-SH Datasheet
373Kb / 13P
32-bit Microcontrollers
AT25DF161-SH ATMEL-AT25DF161-SH Datasheet
453Kb / 19P
8-bit Atmel Microcontrollers
More results

Similar Description - AT25DF161_13

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF081 ATMEL-AT25DF081 Datasheet
784Kb / 38P
8-megabit 1.65-volt Minimum SPI Serial Flash Memory
AT25DF641 ATMEL-AT25DF641 Datasheet
1Mb / 59P
64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF041A ETC2-AT25DF041A_13 Datasheet
746Kb / 42P
Minimum SPI Serial Flash Memory
AT25DF081 ETC2-AT25DF081_13 Datasheet
967Kb / 38P
Minimum SPI Serial Flash Memory
AT26DF081A ETC2-AT26DF081A_13 Datasheet
763Kb / 40P
Minimum SPI Serial Flash Memory
AT25DF081A ETC2-AT25DF081A Datasheet
1Mb / 54P
8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT25DF011 DIALOG-AT25DF011 Datasheet
485Kb / 3P
1-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
AT25DF041B DIALOG-AT25DF041B Datasheet
490Kb / 4P
4-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
AT25DF081A DIALOG-AT25DF081A Datasheet
1Mb / 54P
8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT25DF081A RENESAS-AT25DF081A Datasheet
1Mb / 53P
8-Mbit 2.7V Minimum SPI Serial Flash Memory
2/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com