Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS4811 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4811
Description  Fixed Function Multi-Effects Audio Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4811 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4811 Datasheet HTML 2Page - Cirrus Logic CS4811 Datasheet HTML 3Page - Cirrus Logic CS4811 Datasheet HTML 4Page - Cirrus Logic CS4811 Datasheet HTML 5Page - Cirrus Logic CS4811 Datasheet HTML 6Page - Cirrus Logic CS4811 Datasheet HTML 7Page - Cirrus Logic CS4811 Datasheet HTML 8Page - Cirrus Logic CS4811 Datasheet HTML 9Page - Cirrus Logic CS4811 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
CS4811
6
DS486PP2
SWITCHING CHARACTERISTICS (T
A = 25° C; VA, VD = +5 V, outputs loaded with 30 pF)
Notes: 8. Guaranteed by characterization but not tested.
9. On power-up, the CS4811 RST pin should be asserted until the power supplies have reached steady
state.
Parameters
Symbol
Min
Typ
Max
Units
ADC & DAC Sample Rate
Fs
30
-
50
kHz
XTI Frequency XTI = 256Fs
7.68
-
12.8
MHz
XTI Duty Cycle XTI =256Fs
(Note 8)
40
-
60
%
XTI Jitter Tolerance
-
500
-
ps
RST Low Time
(Note 9)
500
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com