Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS4812 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4812
Description  Fixed Function Multi-Effects Audio Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4812 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4812 Datasheet HTML 2Page - Cirrus Logic CS4812 Datasheet HTML 3Page - Cirrus Logic CS4812 Datasheet HTML 4Page - Cirrus Logic CS4812 Datasheet HTML 5Page - Cirrus Logic CS4812 Datasheet HTML 6Page - Cirrus Logic CS4812 Datasheet HTML 7Page - Cirrus Logic CS4812 Datasheet HTML 8Page - Cirrus Logic CS4812 Datasheet HTML 9Page - Cirrus Logic CS4812 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
CS4812
6
DS291PP3
SWITCHING CHARACTERISTICS (T
A = 25 °C; VA, VD = +5V, CL = 30 pF)
Notes: 9. Guaranteed by characterization but not tested.
10. On power-up, the CS4812 RST pin should be asserted until the power supplies have reached steady
state.
Parameters
Symbol
Min
Typ
Max
Units
Audio ADC’s & DAC’s Sample Rate
Fs
30
-
50
kHz
XTI Frequency XTI = 128Fs, 256Fs, 512Fs
3.84
-
25.6
MHz
XTI Duty Cycle XTI = 128Fs, 256Fs, 512Fs
(Note 9)
40
-
60
%
XTI Jitter Tolerance
-
500
-
ps
RST Low Time
(Note 10)
500
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com