Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5351-BZ Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5351-BZ
Description  108 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5351-BZ Datasheet(HTML) 1 Page - Cirrus Logic

  CS5351-BZ Datasheet HTML 1Page - Cirrus Logic CS5351-BZ Datasheet HTML 2Page - Cirrus Logic CS5351-BZ Datasheet HTML 3Page - Cirrus Logic CS5351-BZ Datasheet HTML 4Page - Cirrus Logic CS5351-BZ Datasheet HTML 5Page - Cirrus Logic CS5351-BZ Datasheet HTML 6Page - Cirrus Logic CS5351-BZ Datasheet HTML 7Page - Cirrus Logic CS5351-BZ Datasheet HTML 8Page - Cirrus Logic CS5351-BZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
Copyright
© Cirrus Logic, Inc. 2002
(All Rights Reserved)
http://www.cirrus.com
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
CS5351
108 dB, 192 kHz, Multi-Bit Audio A/D Converter
Features
Advanced Multi-bit Delta-Sigma Architecture
24-Bit Conversion
108 dB Dynamic Range
-98 dB THD+N
System Sampling Rates up to 192 kHz
Single-Ended Analog Inputs
Less than 150 mW Power Consumption
High Pass Filter or DC Offset Calibration
Supports Logic Levels Between 5 and 2.5V
Linear Phase Digital Anti-Alias Filtering
Overflow Detection
Functionally Compatible with the CS5361
General Description
The CS5351 is a complete analog-to-digital converter for
digital audio systems. It performs sampling, analog-to-
digital conversion and anti-alias filtering, generating 24-
bit values for both left and right inputs in serial form at
sample rates up to 192 kHz per channel.
The CS5351 uses a 5th-order, multi-bit delta-sigma
modulator followed by digital filtering and decimation,
which removes the need for an external anti-alias filter.
The CS5351 is ideal for audio systems requiring wide dy-
namic range, negligible distortion and low noise, such as
A/V receivers, DVD-R, CD-R, digital mixing consoles,
and effects processors.
ORDERING INFORMATION
CS5351-KS
-10° to 70° C
24-pin SOIC
CS5351-BS
-40° to 85° C
24-pin SOIC
CS5351-KZ
-10° to 70° C
24-pin TSSOP
CS5351-BZ
-40° to 85° C
24-pin TSSOP
CDB5351
Evaluation Board
Voltage Reference
Serial Audio Interface
Digital
Filter
High
Pass
Filter
High
Pass
Filter
Decimation
Digital
Filter
Decimation
DAC
-
+
S/H
DAC
-
+
S/H
AINR
SCLK
SDOUT
MCLK
RST
VQ
LRCK
AINL
FILT+
M/S
HPF
MODE0
MODE1
REFGND
VL
LP Filter
LP Filter
I2S/LJ
MDIV
∆Σ
∆Σ
SEPT ‘02
DS565PP2


Similar Part No. - CS5351-BZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5351-DZZ CIRRUS-CS5351-DZZ Datasheet
558Kb / 23P
108 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5351-KSZ CIRRUS-CS5351-KSZ Datasheet
558Kb / 23P
108 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5351-KZZ CIRRUS-CS5351-KZZ Datasheet
558Kb / 23P
108 dB, 192 kHz, Multi-bit Audio A/D Converter
More results

Similar Description - CS5351-BZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5361 CIRRUS-CS5361 Datasheet
957Kb / 24P
111 dB, 192 kHz, Multi-Bit Audio A/D Converter
AUG 02
CS5381 CIRRUS-CS5381 Datasheet
292Kb / 24P
120 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5351 CIRRUS-CS5351_07 Datasheet
558Kb / 23P
108 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5340 CIRRUS-CS5340_08 Datasheet
405Kb / 22P
101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com