Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS492604-CL Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS492604-CL
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS492604-CL Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS492604-CL Datasheet HTML 3Page - Cirrus Logic CS492604-CL Datasheet HTML 4Page - Cirrus Logic CS492604-CL Datasheet HTML 5Page - Cirrus Logic CS492604-CL Datasheet HTML 6Page - Cirrus Logic CS492604-CL Datasheet HTML 7Page - Cirrus Logic CS492604-CL Datasheet HTML 8Page - Cirrus Logic CS492604-CL Datasheet HTML 9Page - Cirrus Logic CS492604-CL Datasheet HTML 10Page - Cirrus Logic CS492604-CL Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
CS4923/4/5/6/7/8/9
DS262F2
7
SWITCHING CHARACTERISTICS—CLKIN
(TA = 25 °C; VA, VD = 3.3 V ±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF)
Parameter
Symbol
Min
Max
Unit
CLKIN period for internal DSP clock mode
Tclki
20
3800
ns
CLKIN high time for internal DSP clock mode
Tclkih
8ns
CLKIN low time for internal DSP clock mode
Tclkil
8ns
CLKIN period for external DSP clock mode
Tclke
20
25
ns
CLKIN high time for external DSP clock mode
Tclkeh
9ns
CLKIN low time for external DSP clock mode
Tclkel
9ns
CLKIN
Tclkih
Tclkil
Tclki
Figure 3. CLKIN with CLKSEL = VSS = PLL Enable
CLKIN
Tclkeh
Tclkel
Tclke
Figure 4. CLKIN with CLKSEL = VD = PLL Bypass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com